データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 8160661

  • AI
    Based on common industrial and automotive part numbering systems, the number **8160661** is most frequently associated with an **Electromagnetic Valve (Solenoid Valve)**, typically used in commercial vehicles (like Volvo or Renault trucks) or heavy-duty machinery. Below is a breakdown of the electronic and mechanical components of this part. ### 1. Component Overview The device is an electromechanical actuator that converts electrical energy into mechanical motion to control the flow of air (pneumatics) or fluid (hydraulics). | Attribute | Specification (Typical) | | :--- | :--- | | **Part Type** | Solenoid Valve / Electromagnetic Valve | | **Operating Voltage** | 24V DC (Standard for heavy-duty vehicles) | | **Connection Type** | 2-pin or 3-pin DIN/Bayonet connector | | **Function** | N/C (Normally Closed) or N/O (Normally Open) | | **Housing Material** | Aluminum or High-grade Synthetic Polymer | --- ### 2. Internal Electronic Parts The functionality of the 8160661 relies on several key internal elements: #### A. The Solenoid Coil * **Composition:** A spool of fine copper wire. * **Physics:** When current flows through this coil, it generates a magnetic field. * **Failure Point:** Overheating or vibration can cause the insulation to break, leading to a "short to ground." #### B. The Plunger (Armature) * **Material:** Ferromagnetic metal. * **Action:** It is pulled by the magnetic field of the coil to open or close the valve orifice. #### C. Return Spring * **Role:** Ensures the plunger returns to its original position once the electrical current is removed (de-energized state). #### D. Electrical Connector * **Protection:** Usually features an IP (Ingress Protection) rating like **IP66 or IP67** to protect against moisture, dust, and oil. --- ### 3. Circuit Integration In a vehicle or industrial system, the 8160661 is controlled via a **Control Unit (ECU)**. ```mermaid graph LR A[ECU/Switch] --> B{Relay/MOSFET} B --> C[8160661 Solenoid] C --> D[Mechanical Action/Air Flow] ``` ### 4. Common Applications * **Transmission Control:** Managing gear shifts in automated manual transmissions. * **Engine Braking:** Controlling the butterfly valve in the exhaust. * **Suspension:** Adjusting air bellows for ride height. ---
    ✨ Follow-up Questions
    • ⤷ What are the common symptoms of a failing 8160661 solenoid?
    • ⤷ How do I test the resistance of the solenoid coil with a multimeter?
    • ⤷ Is this part compatible with 12V systems or strictly 24V?