データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 81N12L-R-AB3-I-R

  • AI
    The **81N12L-R-AB3-I-R** is a specific part number for a **Voltage Detector IC** manufactured by **UTC (Unisonic Technologies)**. These components are primarily used to monitor power supply rails and provide a reset signal when the voltage drops below a specific threshold. ### 1. Part Number Breakdown The alphanumeric string defines the specific characteristics of the chip: | Segment | Meaning | Details | | :--- | :--- | :--- | | **81N12** | Series & Voltage | **81N** series; **12** indicates a 1.2V detection threshold. | | **L** | Lead Plating | Halogen-free and Lead-free (RoHS compliant). | | **R** | Output Type | **N-Channel Open Drain** output. | | **AB3** | Package Type | **SOT-89** package. | | **I** | Temperature Grade | Industrial grade (-40°C to +85°C). | | **R** | Packing | Tape & Reel. | --- ### 2. Key Technical Specifications This device is designed for low power consumption and high accuracy monitoring. * **Detection Voltage:** 1.2V (Fixed). * **Operating Voltage Range:** 0.7V to 10V (typical for the 81N series). * **Output Configuration:** Open Drain (requires an external pull-up resistor to function). * **Quiescent Current:** Very low (typically around 1.0µA), making it ideal for battery-powered devices. * **Hysteresis:** Typically 5% of the detection voltage to prevent "chattering" or rapid switching near the threshold. --- ### 3. Functional Pinout (SOT-89) In a standard SOT-89 package for this device, the pins are generally assigned as follows: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **OUT** | Reset Output (Active Low, Open Drain). | | 2 | **VDD** | Power Supply / Sense Input. | | 3 | **VSS** | Ground. | --- ### 4. Typical Applications The 81N12L is found in circuits where it is critical to ensure the processor or system does not run during unstable low-voltage conditions: * **Microprocessor Reset:** Holding a CPU in reset until the power supply stabilizes. * **Battery Level Monitoring:** Detecting "low battery" conditions in portable electronics. * **System Failure Detection:** Providing a warning signal if a voltage rail drops. --- ### 5. Application Circuit Example Since this is an **Open Drain** output, you must connect a resistor between the `OUT` pin and the supply voltage (`VCC`). ```text VCC (Power Rail) | [Resistor] | +------- Output Signal (Reset) | [Pin 1: OUT] [81N12L-R] [Pin 3: VSS] --- GND ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between Open Drain and CMOS output in voltage detectors?
    • ⤷ Can this IC be used to monitor a 3.3V rail if it has a 1.2V threshold?
    • ⤷ What happens to the output when the input voltage exceeds 1.2V?