データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 81N39L-R-AB3-I-R

  • AI
    The **81N39L-R-AB3-I-R** is a specific part number for a precision voltage detector integrated circuit, typically manufactured by UTC (Unisonic Technologies Co., Ltd). These devices are commonly used for power supply monitoring and reset signal generation. --- ### 1. Part Number Breakdown Understanding the suffix and prefix codes helps identify the exact specifications of the component: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **81N** | Series Name | CMOS Voltage Detector | | **39** | Detection Voltage | 3.9V (Threshold) | | **L** | Lead Plating | Halogen-free and Lead-free | | **R** | Output Type | N-channel open drain | | **AB3** | Package Type | SOT-89 package | | **I** | Classification | Standard Grade / Internal Code | | **R** | Packing | Tape & Reel | --- ### 2. Key Technical Specifications This IC is designed for low power consumption and high accuracy. * **Detection Voltage ($V_{DET}$):** 3.9V (fixed). * **Operating Voltage Range:** Typically 1.0V to 10.0V. * **Hysteresis Range:** Typically $V_{DET} \times 0.05$ (helps prevent "chattering" or rapid switching near the threshold). * **Output Configuration:** N-Channel Open Drain (Requires an external pull-up resistor). * **Quiescent Current ($I_{SS}$):** Extremely low, usually around 1µA to 3µA. * **Operating Temperature:** -40°C to +85°C. --- ### 3. Functional Description and Application The primary job of this IC is to monitor a voltage rail. If the voltage drops below the threshold (3.9V), the output pin changes state to signal a "Low Voltage" condition to a microcontroller (MCU) or a power management system. #### Common Applications: 1. **Microprocessor Reset:** Providing a reset signal to an MCU when the power supply is unstable. 2. **Battery Life Indicator:** Monitoring battery levels to trigger a low-battery warning. 3. **Battery Backup Switching:** Detecting power loss to switch the system to a backup battery. 4. **Over-voltage/Under-voltage Protection:** General circuit protection logic. --- ### 4. Basic Application Circuit Since this is an **Open Drain** output, a pull-up resistor must be connected between the Output pin and the Supply Voltage ($V_{DD}$). ```text V_in (Monitoring) | +----o----+ | | | [81N39L]----[Pull-up Resistor]---- V_logic | | | +----o----+ | | | GND Output Signal (Reset) ```
    ✨ Follow-up Questions
    • ⤷What is the difference between N-channel open drain and CMOS output in voltage detectors?
    • ⤷ How do I calculate the pull-up resistor value for the 81N39L?
    • ⤷ Can this IC be used to monitor a 5V rail for a 3.3V microcontroller?