データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 8502SCO2V06S

  • AI
    The **8502SCO2V06S** is a specific model of a NEMA-rated magnetic contactor manufactured by **Schneider Electric (Square D)**. These devices are industrial-grade components used to switch electrical power circuits, typically for motor control or large lighting loads. --- ### 1. Technical Specifications The model number can be broken down into specific electronic and physical characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Series** | 8502 | Type S non-reversing magnetic contactor. | | **Size** | SCO | NEMA Size 1 (rated for higher current than Size 0). | | **Poles** | 3-Pole | Designed for 3-phase AC systems. | | **Voltage (Coil)** | V06 | 440V AC @ 50Hz / 480V AC @ 60Hz. | | **Current Rating** | 27 Amperes | Continuous current rating at 600V AC. | | **Enclosure** | S | Open style (no separate protective metal box). | --- ### 2. Core Electronic Components Inside the 8502SCO2V06S, several critical parts work together to facilitate high-voltage switching: #### A. The Magnetic Coil (V06) The heart of the contactor is the electromagnetic coil. When the control voltage (480V) is applied, it creates a magnetic field that pulls the movable armature toward the stationary core. * **Encapsulation:** Square D coils are usually molded to protect against moisture and physical damage. #### B. Power Contacts These are the heavy-duty conductive points that open and close the main circuit. * **Material:** Often made of silver-cadmium oxide or similar alloys to resist "welding" and arcing. * **Double-Break Design:** These contacts break the circuit in two places simultaneously to extinguish arcs faster. #### C. Arc Suppressors / Chutes As the contacts open under load, an electrical arc is formed. The internal geometry of the "S" series includes arc chutes that stretch and cool the arc to prevent damage to the device. --- ### 3. Connection and Wiring The device features heavy-duty screw terminals for both power and control logic. ```mermaid graph TD A[480V Control Signal] --> B[Magnetic Coil] B --> C{Electromagnetism} C --> D[Mechanical Linkage Closes] D --> E[Main 3-Phase Power Connects] E --> F[Industrial Motor/Load] ``` --- ### 4. Key Applications * **Motor Control:** Starting and stopping 3-phase motors (up to 7.5 HP at 230V or 10 HP at 460V). * **Heating Loads:** Controlling large resistive heating elements in industrial ovens. * **Lighting:** Managing large banks of discharge or LED lighting in warehouses. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between NEMA Size 1 and Size 0 contactors?
    • ⤷ Can the coil (V06) be swapped for a different control voltage?
    • ⤷ How do you add an overload relay to this specific contactor?