データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 8502SDO2V03_V01

  • AI
    The **8502SDO2V03** is a specific NEMA-rated magnetic contactor manufactured by **Schneider Electric (Square D)**. This device is used to switch power to electric motors or other high-power industrial loads. Below is a breakdown of the electronic and electromechanical components of this specific model. ### 1. Component Specifications The model number encodes the technical characteristics of the device: | Feature | Specification | Description | | :--- | :--- | :--- | | **Product Type** | 8502 | NEMA Magnetic Contactor | | **Size** | S | NEMA Size 2 | | **Type** | D | Non-reversing | | **Enclosure** | O | Open Style (No external box) | | **Poles** | 2 | 2-Pole configuration | | **Coil Voltage** | V03 | 240V AC @ 60Hz / 220V AC @ 50Hz | --- ### 2. Core Electronic/Electromechanical Parts #### A. The Magnetic Coil (V03) This is the "brain" of the contactor. * **Function:** When 240V AC is applied to the coil terminals (usually marked A1 and A2), it creates an electromagnetic field. * **Voltage:** The **V03** suffix specifically indicates a 240V AC coil. * **Action:** The magnetic force pulls the armature downward, overcoming the return spring to close the power contacts. #### B. Power Contacts (2-Pole) These are the heavy-duty copper/silver alloy points that carry the main load. * **Current Rating:** As a NEMA Size 2 device, it is rated for up to **45 Amperes** (continuous). * **Voltage Rating:** Rated for up to 600V AC. * **Durability:** Designed for high-inrush currents typical of motor starts. #### C. Armature and Yoke * **Material:** Laminated steel plates. * **Purpose:** The lamination reduces eddy current losses and heat. The "yoke" is the fixed part, while the "armature" is the moving part connected to the contacts. * **Shading Coils:** Small copper loops embedded in the face of the magnet pole pieces to prevent "chatter" (vibration) caused by the AC sine wave crossing zero. #### D. Auxiliary Contact (Optional/V01) The suffix **V01** often refers to the inclusion of a specific auxiliary contact configuration (typically 1 Normally Open contact). * **Function:** Used for signaling, pilot lights, or "latching" logic in a control circuit. * **Rating:** Much lower current than the main poles (typically 10A). --- ### 3. Technical Ratings Summary | Parameter | Rating | | :--- | :--- | | **Continuous Ampere Rating** | 45A | | **Max Voltage** | 600V AC | | **Horsepower (HP) at 230V** | 15 HP (Polyphase) | | **Control Circuit Voltage** | 240V AC | | **Mounting Type** | Surface / Panel Mount | --- ### 4. Wiring Diagram Representation In a standard control circuit, the electronics are represented as follows: ```mermaid graph LR L1[Line 1] --> S1[Start Button] S1 --> Coil[Coil A1/A2] Coil --> L2[Line 2 / Neutral] subgraph Contactor_Action Coil -.-> Contacts[Main Power Poles] end ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a NEMA Size 2 and a NEMA Size 1 contactor?
    • ⤷ Can the V03 coil be replaced with a 120V V02 coil on this frame?
    • ⤷ What are the common failure modes for the 8502SDO2 series?