データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 8502SHO2V03

  • AI
    ## Overview of the 8502SHO2V03 The **8502SHO2V03** is a specific model of an NEMA-rated magnetic contactor manufactured by Square D (Schneider Electric). It is primarily used for switching non-inductive loads or controlling electric motors in industrial environments. --- ### 1. Technical Specifications The following table outlines the core electronic and physical attributes of the device: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Square D (Schneider Electric) | | **Product Type** | NEMA Magnetic Contactor | | **NEMA Size** | Size 6 | | **Ampere Rating** | 540 Amps | | **Pole Configuration** | 3-Pole (3-Phase) | | **Control Voltage** | 240V AC @ 60Hz / 220V AC @ 50Hz | | **Enclosure Type** | Open (No external box) | | **Phase** | 3-Phase | --- ### 2. Breakdown of Electronic Components #### A. The Magnetic Coil (V03 Suffix) The **V03** suffix in the part number designates the specific voltage rating of the electromagnetic coil. * **Function:** When 240V AC is applied to the coil terminals, it creates a magnetic field that pulls the internal armature down. * **Action:** This physical movement closes the high-power contacts, allowing electricity to flow to the motor or load. #### B. Power Contacts * **Material:** Typically made of silver-cadmium oxide alloys to resist "welding" and arc erosion. * **Capacity:** Rated for 540A, making this a heavy-duty industrial component capable of handling massive electrical surges. #### C. Arc Chutes * **Purpose:** Because high-voltage/high-current switching creates electrical arcs, these components are designed to quench (extinguish) the arc quickly to prevent damage to the contacts and reduce EMI (Electromagnetic Interference). --- ### 3. Naming Convention Deciphered Understanding the part number helps in identifying replacement parts: 1. **8502**: The Class number for Square D Type S Contactors. 2. **S**: Type S design (Standard industrial). 3. **H**: Size 6 NEMA rating. 4. **O**: Open type (intended for installation inside a larger control panel). 5. **2**: Revision or specific series indicator. 6. **V03**: 240V AC, 60Hz / 220V AC, 50Hz Coil. --- ### 4. Application Wiring In a typical setup, the electronics are wired as follows: ```mermaid graph LR A[Control Switch] --> B[Coil Terminals A1/A2] B --> C{Electromagnet} C --> D[Main Power L1/L2/L3] D --> E[Motor/Load T1/T2/T3] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible overload relays for a Size 6 contactor like the 8502SHO2V03?
    • ⤷ Can the V03 coil be swapped for a 120V coil if the control circuit changes?
    • ⤷ What is the difference between an 8502 contactor and an 8536 starter?