データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 8502SHO2V03_V01

  • AI
    The **8502SHO2V03_V01** is a specific configuration of a Square D (Schneider Electric) NEMA-rated magnetic contactor. This device is primarily used for switching power to electric motors, heating loads, and lighting systems. --- ### 1. Key Technical Specifications The part number can be broken down into specific electronic and mechanical components: | Feature | Specification | Description | | :--- | :--- | :--- | | **Series** | 8502 | NEMA Type S Magnetic Contactor | | **Size** | S (Size 0) | Rated for up to 18 Amps (Inductive) | | **Type** | HO | Non-reversing, open style (no enclosure) | | **Pole Configuration** | 2 | 2-Pole (Single phase or specific DC loads) | | **Coil Voltage** | V03 | 240V AC @ 60Hz / 220V AC @ 50Hz | | **Modification** | V01 | Specific factory modification (often a control transformer or custom wiring) | --- ### 2. Major Electronic Components #### A. The Magnetic Coil (V03) This is the "brain" of the contactor. When 240V AC is applied to the coil terminals (A1/A2): * It creates an electromagnetic field. * This field pulls the **armature** down, overcoming the force of the return spring. * This physical movement closes the power contacts. #### B. Power Contacts The 2-pole configuration consists of heavy-duty silver alloy contacts designed to handle high inrush currents. * **Inductive Rating:** 18A (Standard for NEMA Size 0). * **Resistive Rating:** 27A (Heating loads). #### C. Arc Suppressors / Chutes Because this is a NEMA-rated device, it contains robust arc-quenching structures. When the contacts open under load, an electrical arc is formed; the geometry of the parts helps "stretch" and extinguish this arc to prevent terminal damage. --- ### 3. Wiring Diagram Overview (Logic) The electrical logic follows a standard industrial control path: ```mermaid graph LR A[Control Switch] --> B[240V AC Coil] B --> C{Electromagnet} C --> D[Mechanical Linkage] D --> E[Power Contacts Close] F[Line Power] --> E E --> G[Motor/Load] ``` --- ### 4. Maintenance & Electronic Integrity * **Coil Resistance:** If troubleshooting, the coil should show a specific Ohm value (non-zero and not infinite). * **Contact Pitting:** Over time, the silver contacts will develop "pitting." While small pits are normal, excessive blackening or welding indicates the part needs replacement. * **Chatter:** If the voltage drops below roughly 85% of the 240V rating, the coil may "chatter," which leads to rapid electronic failure of the contacts.
    ✨ Follow-up Questions
    • ⤷ What is the difference between NEMA Size 0 and Size 1 for this series?
    • ⤷ How do I wire a 120V control circuit to a 240V coil contactor?
    • ⤷ What are the common failure modes of the V03 magnetic coil?