データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 861-R

  • AI
    The **861-R** is a specific part number typically associated with high-reliability **EMI/RFI shielding gaskets** or **electronic connector components**, most notably produced by manufacturers like **Schlegel Electronic Materials** or specialized RF component suppliers. In the context of electronics, these parts are critical for ensuring electromagnetic compatibility (EMC). --- ## 1. Technical Specifications The 861-R series usually refers to conductive foam gaskets or specialized mounting hardware for shielding. Below are the general electronic and physical characteristics: | Property | Specification (Typical) | | :--- | :--- | | **Material** | Nickel/Copper Clad Fabric over Urethane Foam | | **Surface Resistivity** | < 0.05 Ohms/sq | | **Shielding Effectiveness** | 60 dB to 100 dB (100 MHz - 10 GHz) | | **Operating Temperature** | -40°C to +70°C | | **Flammability Rating** | UL 94V-0 (Flame Retardant) | --- ## 2. Key Functional Components The "electronic" nature of the 861-R lies in its conductivity and its role in a circuit's physical layer: ### A. Conductive Outer Layer The exterior is typically a polyester or nylon fabric plated with silver, copper, or nickel. This creates a "Faraday Cage" effect, preventing external electromagnetic interference from disrupting internal sensitive components. ### B. Compression Core The internal core is usually a high-grade microcellular urethane. This allows the part to be compressed between a PCB (Printed Circuit Board) and a chassis, ensuring constant electrical contact even under vibration. ### C. Adhesive Interface Many 861-R variants feature a "Pressure Sensitive Adhesive" (PSA). This adhesive is often **electrically conductive**, allowing the ground path to continue from the gasket through the adhesive to the metal enclosure. --- ## 3. Common Applications These parts are integrated into the following electronic systems: * **Telecommunications:** Base stations and routers to prevent signal crosstalk. * **Medical Electronics:** Shielding sensitive imaging equipment from ambient RF noise. * **Computing:** Used in server racks and laptops to meet FCC emission standards. * **Automotive:** Protecting ECU (Engine Control Units) from high-frequency interference. --- ## 4. Implementation Example When designing a PCB that utilizes an 861-R shielding strip, the mechanical engineer must calculate the "Compression Set" to ensure the electronic ground remains stable. ```markdown Design Rule: 1. Target Compression: 20% to 50% of original height. 2. Surface Preparation: Ensure the mating surface is non-oxidized (e.g., Gold or Tin plating). 3. Grounding: Connect the 861-R directly to the Digital Ground Plane. ```
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions of the 861-R variant you are looking for?
    • ⤷ Are you seeking a datasheet for a specific manufacturer like Schlegel or TE Connectivity?
    • ⤷ How do you calculate the shielding effectiveness for this part in a high-frequency circuit?