データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 88C15-AF5-R

  • AI
    The **88C15-AF5-R** is a specific part number belonging to a series of **Low Dropout (LDO) Voltage Regulators**. Based on standard semiconductor nomenclature (specifically associated with manufacturers like UTC - Unisonic Technologies), this component is designed for power management in electronic circuits. --- ### 1. Technical Specifications The following table outlines the typical characteristics of the 88C15 series: | Feature | Specification | | :--- | :--- | | **Part Number** | 88C15-AF5-R | | **Component Type** | CMOS Low Dropout (LDO) Voltage Regulator | | **Output Voltage** | 1.5V (Fixed) | | **Output Current** | ~150mA to 300mA (typical for this series) | | **Package Type** | SOT-25 / SOT-23-5 | | **Dropout Voltage** | Very Low (typically < 200mV at full load) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Part Number Breakdown To understand the specific variant, the code can be decoded as follows: * **88C**: Series designation (High-speed LDO, CMOS process). * **15**: Indicates the output voltage (1.5 Volts). * **AF5**: Refers to the package type (SOT-25 / SOT-23-5). * **R**: Tape and Reel packaging (standard for automated SMT assembly). --- ### 3. Pin Configuration (SOT-25) Standard pinout for this LDO package is typically: 1. **VIN**: Input Voltage Supply. 2. **GND**: Ground. 3. **CE (or EN)**: Chip Enable (Active High). 4. **NC / ADJ**: No connection or voltage adjustment (if applicable). 5. **VOUT**: Regulated 1.5V Output. --- ### 4. Key Applications Because of its small footprint and low power consumption, the 88C15-AF5-R is commonly used in: * **Mobile Devices:** Smartphones and tablets for sub-rail regulation. * **Battery-Powered Equipment:** Due to low quiescent current. * **Reference Voltages:** Providing stable 1.5V for microcontrollers or DSP cores. * **Wireless Modules:** Bluetooth or WiFi modules requiring clean power. --- ### 5. Circuit Implementation Example A typical implementation requires two ceramic capacitors to ensure stability: ```text Input (2.5V - 6V) ----[ C1: 1uF ]---- VIN [ 88C15 ] VOUT ----[ C2: 1uF ]---- Output (1.5V) | | GND CE (Tie to VIN to Enable) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage for the 88C15-AF5-R?
    • ⤷ Can this LDO be used for adjustable voltage outputs?
    • ⤷ What are the equivalents for this part from other manufacturers like TI or Microchip?