データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 88C20-AF5-R

  • AI
    The **88C20-AF5-R** is a specific integrated circuit, most commonly identified as a **Low Dropout (LDO) Voltage Regulator** or a **Voltage Detector/Supervisor**, typically manufactured by UTC (Unisonic Technologies). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The part number follows a specific nomenclature that defines its electrical properties and package type. | Feature | Description | | :--- | :--- | | **Component Type** | CMOS Voltage Detector / LDO Regulator | | **Output Voltage** | 2.0V (Fixed) | | **Accuracy** | ±2% | | **Package Type** | SOT-25 / SOT-23-5 | | **Mounting Type** | Surface Mount (SMD) | | **RoHS Status** | Pb-free / Halogen Free (indicated by -R) | --- ### 2. Pin Configuration (SOT-25) For the 88C20 series, the typical pinout is as follows: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **OUT** | Regulated Output Voltage (2.0V) | | 2 | **GND** | Ground | | 3 | **IN** | Input Supply Voltage | | 4 | **NC/NC** | No Connection / Not Used | | 5 | **EN/CE** | Enable / Chip Enable (Active High) | --- ### 3. Key Electronic Characteristics * **Low Quiescent Current:** Designed for battery-powered devices to minimize power consumption during standby. * **Low Dropout Voltage:** Requires a very small difference between input and output voltage to maintain regulation. * **Stability:** Typically requires small ceramic capacitors ($1\mu F$ to $2.2\mu F$) at the input and output for oscillation stability. * **Protection Circuits:** Often includes built-in thermal shutdown and current limiting to prevent damage during fault conditions. --- ### 4. Typical Applications Because of its small footprint and 2.0V output, this part is frequently found in: 1. **Handheld Electronics:** Powering microcontrollers in smartphones or tablets. 2. **Battery Management:** Acting as a reference voltage or sensor for low-battery detection. 3. **IoT Devices:** Providing stable power to low-power wireless modules (Bluetooth/Zigbee). 4. **Cameras:** Regulating internal logic power rails. --- ### 5. Part Number Decoding * **88**: Series code (CMOS LDO/Detector). * **C**: Output configuration type. * **20**: Voltage code ($2.0V$). * **AF5**: Package code (SOT-25). * **R**: Tape and Reel packaging (and usually signifies Lead-Free).
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage for the 88C20-AF5-R?
    • ⤷ Can this part be substituted with a 2.0V regulator from another manufacturer like TI or Microchip?
    • ⤷ How does the 'Enable' pin affect current consumption?