データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 88C27L-AF5-R

  • AI
    The **88C27L-AF5-R** is a specific part number representing a **Voltage Detector IC** (Integrated Circuit), primarily manufactured by **UTC (Unisonic Technologies Co., Ltd)**. These components are designed to monitor supply voltages and provide a reset signal to a microprocessor when the voltage falls below a specific threshold. --- ## 1. Technical Specifications The alphanumeric code provides specific details about the component's functionality and packaging: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Detection Voltage** | 2.7V | The threshold at which the IC triggers a reset. | | **Output Type** | CMOS / Push-Pull | Active-Low output (usually indicated by the 'L'). | | **Package Type** | SOT-25 / SOT-23-5 | Surface Mount (AF5 code). | | **Operating Voltage** | 0.7V to 10V | Range of supply voltage it can handle. | | **Low Current Consumption** | ~1.0µA (Typ.) | Extremely low power usage for battery efficiency. | | **Temperature Range** | -40°C to +85°C | Industrial grade thermal performance. | --- ## 2. Part Number Breakdown Understanding the UTC naming convention for the **88C27L-AF5-R**: * **88C**: The series designation for UTC Voltage Detectors. * **27**: Represents the detection voltage (2.7 Volts). * **L**: Indicates the output logic/type (Low reset output). * **AF5**: Refers to the physical package (SOT-25). * **R**: Indicates the packing method (Tape and Reel). --- ## 3. Pin Configuration (Typical SOT-25) | Pin Number | Symbol | Function | | :---: | :--- | :--- | | 1 | **Vout** | Output signal (Reset) | | 2 | **Vdd** | Input Supply / Voltage Sense | | 3 | **Vss** | Ground | | 4 | **NC** | No Connection | | 5 | **NC** | No Connection | --- ## 4. Common Applications This IC is essential for ensuring electronic systems start in a known state and preventing data corruption during "brown-out" (voltage drop) conditions. 1. **Microprocessor Reset:** Ensures the CPU starts only after the power supply is stable. 2. **Battery Life Monitoring:** Triggers an "interrupt" or "shutdown" when a battery reaches 2.7V to prevent deep discharge. 3. **Memory Protection:** Prevents writing to non-volatile memory during unstable power states. 4. **Handheld Electronics:** Used in cameras, smartphones, and tablets due to its small footprint and low power draw. --- ## 5. Equivalent/Alternative Components If you cannot find this specific UTC part, common alternatives with similar 2.7V thresholds include: * **XC61C Series** (Torex) * **HT7027A** (Holtek) * **MAX809S** (Maxim/Analog Devices) - *Note: Pinout may vary.*
    ✨ Follow-up Questions
    • ⤷ What is the difference between CMOS and Open-Drain output in voltage detectors?
    • ⤷ How do I calculate the hysteresis for this specific IC?
    • ⤷ Can this IC be used with a 5V system if the threshold is 2.7V?