データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 88C29L-AF5-R

  • AI
    The **88C29L-AF5-R** is a specific part number typically associated with a **Voltage Detector IC** (often manufactured by UTC - Unisonic Technologies). It is designed to monitor power supply rails and provide a reset signal when the voltage falls below a specific threshold. --- ## 1. Technical Specifications The part number follows a specific nomenclature that defines its electronic characteristics. | Parameter | Specification | | :--- | :--- | | **Part Type** | Voltage Detector / Reset IC | | **Detection Voltage** | 2.9V (indicated by '29') | | **Output Configuration** | CMOS Output (Typically) | | **Package Type** | SOT-25 / SOT-23-5 (indicated by 'AF5') | | **Tolerance** | ±2% | | **Lead Free Status** | Halogen Free / RoHS Compliant (indicated by 'R') | --- ## 2. Pin Configuration (SOT-25) In a standard AF5 (SOT-25) package for this series, the pins are generally assigned as follows: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **VOUT** | Output pin (Reset signal) | | 2 | **VDD** | Power supply / Voltage sense input | | 3 | **VSS** | Ground | | 4 | **NC** | No Connection | | 5 | **NC** | No Connection | --- ## 3. Key Electronic Functions ### Threshold Monitoring The primary job of the **88C29L** is to monitor the voltage at the `VDD` pin. If the voltage drops below **2.9V**, the `VOUT` pin changes state (usually goes Low) to signal the system processor to reset or shut down. ### Hysteresis To prevent "chattering" (rapid switching) when the voltage stays right at the 2.9V limit, these chips include internal hysteresis. This means the release voltage (to turn back on) is slightly higher than the detection voltage. ### Low Power Consumption These components are designed for battery-operated devices, typically drawing less than **1.0µA to 3.0µA** during normal operation. --- ## 4. Application Circuit Example A typical implementation involves connecting the IC between the power rail and the Reset pin of a Microcontroller (MCU). ```text Power Rail (3.3V) ----+----- VDD (Pin 2) | | VOUT (Pin 1) ----> To MCU Reset Pin | GND --- VSS (Pin 3) ``` --- ## 5. Applications * **Microprocessor Reset:** Ensuring the CPU starts only when the voltage is stable. * **Battery Life Monitoring:** Signaling when a battery-powered device is reaching a critical low-voltage state. * **System Fail-safe:** Protecting memory (EEPROM/Flash) from corruption during brown-out conditions.
    ✨ Follow-up Questions
    • ⤷ What is the difference between CMOS and Open-Drain output in voltage detectors?
    • ⤷ Can this IC be used for voltages higher than 2.9V with a voltage divider?
    • ⤷ What are the alternative packages for the 88C series?