データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 88C30L-AF5-R

  • AI
    The **88C30L-AF5-R** is a specific part number typically associated with a **Voltage Detector IC** (often a CMOS low-power reset IC). These components are critical for monitoring power supply levels in microcontrollers and digital systems. --- ## 1. Part Number Breakdown The naming convention follows standard semiconductor industry coding (commonly used by manufacturers like UTC - Unisonic Technologies): | Segment | Meaning | Description | | :--- | :--- | :--- | | **88C** | Series Code | CMOS Voltage Detector Series. | | **30** | Threshold Voltage | Indicates a **3.0V** detection threshold. | | **L** | Accuracy/Lead-free | Often denotes specific accuracy or Pb-Free status. | | **AF5** | Package Type | Typically refers to a **SOT-25** (SOT-23-5) package. | | **R** | Packing | Tape & Reel (for automated assembly). | --- ## 2. Technical Specifications The primary function of this IC is to monitor the $V_{DD}$ voltage and trigger a reset signal if it falls below the 3.0V limit. ### Key Parameters * **Detection Voltage ($V_{DET}$):** 3.0V (Fixed). * **Operating Voltage Range:** 0.7V to 10V (typical range for the series). * **Low Power Consumption:** Usually around $1\mu A$ to $3\mu A$ during normal operation. * **Output Type:** Generally available as **CMOS output** (active low) or **N-Channel Open Drain**. * **Hysteresis Range:** Typically 5% of the detection voltage to prevent "chattering" or rapid toggling near the threshold. --- ## 3. Typical Application Circuit The device is used to ensure a system does not run under unstable voltage conditions. ```mermaid graph LR A[Power Supply] --> B[VDD Pin] B --> C[88C30L IC] C --> D[Reset Pin] D --> E[Microcontroller/MCU] F[GND] --- C ``` --- ## 4. Key Features & Use Cases * **Brown-out Protection:** Resets the MCU if the battery or power supply dips. * **Power-on Reset:** Ensures the processor starts from a known state after power is applied. * **Battery Monitoring:** Used in handheld devices to signal low-battery shutoff. ### Advantages 1. **Ultra-low Current:** Minimal impact on battery life. 2. **High Accuracy:** Usually $\pm 2\%$ detection precision. 3. **Small Footprint:** The SOT-25 package saves PCB space.
    ✨ Follow-up Questions
    • ⤷ What is the difference between CMOS and Open-Drain output in voltage detectors?
    • ⤷ Can the 3.0V threshold be adjusted using external resistors?
    • ⤷ How does the hysteresis feature prevent system instability?