データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 88C37-AF5-R

  • AI
    The **88C37-AF5-R** is a specific electronic component, typically categorized as a **Low Dropout (LDO) Voltage Regulator** or a similar power management integrated circuit (IC), often manufactured by companies like UTC (Unisonic Technologies). Below is a detailed breakdown of its specifications, pin configuration, and technical characteristics. --- ### 1. Technical Specifications The part number suffix typically indicates the packaging and voltage output. For the 88C37 series, the "37" often refers to a 3.7V output, though this can vary by manufacturer series. | Feature | Specification (Typical) | | :--- | :--- | | **Part Type** | Low Dropout Voltage Regulator (LDO) | | **Output Voltage** | 3.7V (Fixed) | | **Input Voltage Range** | Up to 12V - 15V (Max) | | **Output Current** | ~300mA to 500mA (Dependent on thermal dissipation) | | **Package Type** | SOT-25 / SOT-23-5 (indicated by AF5 code) | | **Operating Temp** | -40°C to +85°C | | **RoHS Status** | Lead-Free / Halogen Free (indicated by -R) | --- ### 2. Pin Configuration (SOT-25) Most components in the **AF5** (SOT-25) package follow a standard layout for LDOs: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **VIN** | Input Voltage Supply | | 2 | **GND** | Ground Reference | | 3 | **CE / EN** | Chip Enable (Active High) | | 4 | **NC / BYP** | No Connection or Bypass Capacitor | | 5 | **VOUT** | Regulated Output Voltage | --- ### 3. Key Features & Applications The 88C37 series is designed for battery-operated devices where power efficiency and space are critical. * **Low Quiescent Current:** Minimizes power drain when the device is in standby mode. * **Low Dropout Voltage:** Can maintain a stable output even when the input voltage is only slightly higher than the output voltage. * **Built-in Protections:** Usually includes thermal shutdown and short-circuit current limiting. **Common Applications:** * Mobile Phones and Smartphones. * Portable Media Players. * Battery-powered instrumentation. * Wireless Communication Modules. --- ### 4. Part Number Decoder Understanding the nomenclature helps in sourcing replacements: * **88C**: Series designation (Standard LDO). * **37**: Voltage identifier (3.7 Volts). * **AF5**: Package code (SOT-25 / SOT-23-5). * **R**: Packing code (usually Tape & Reel).
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the 88C37-AF5-R?
    • ⤷ How do I calculate the heat dissipation requirements for this SOT-25 package?
    • ⤷ Can this regulator be used with an input voltage of 12V safely?