データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 88C49-AF5-R

  • AI
    The **88C49-AF5-R** is a specific integrated circuit, commonly identified as a low-dropout (LDO) linear regulator or a specialized voltage supervisor/detector, depending on the manufacturer (most notably UTC - Unisonic Technologies). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The part number follows a standard nomenclature used by power management semiconductor manufacturers. | Feature | Description | | :--- | :--- | | **Component Type** | Voltage Regulator / Voltage Detector | | **Package Type** | SOT-25 (also known as SOT-23-5) | | **Output Type** | Fixed Output | | **RoHS Status** | Pb-Free / Halogen Free (indicated by the "-R" suffix) | --- ### 2. Pin Configuration (SOT-25) In a typical SOT-25 package for this series, the pinout is generally structured as follows: | Pin Number | Symbol | Function | | :--- | :---: | :--- | | 1 | **VIN** | Input Voltage Supply | | 2 | **VSS / GND** | Ground | | 3 | **CE / EN** | Chip Enable (Active High) | | 4 | **NC / BP** | No Connection or Bypass Capacitor | | 5 | **VOUT** | Regulated Output Voltage | --- ### 3. Part Number Breakdown The alphanumeric code provides specific details about the chip's tolerances and packaging: * **88C**: Series designation (often related to CMOS technology for low power consumption). * **49**: Voltage Rating. This usually indicates a **4.9V** threshold or output. * **AF5**: Package code for **SOT-25**. * **R**: Shipping/Tape & Reel specification (Lead-free/RoHS compliant). --- ### 4. Key Electronic Characteristics These devices are designed for battery-powered applications where efficiency and space are critical. * **Low Quiescent Current:** Typically draws very little power when the device is idle, extending battery life. * **High Accuracy:** Usually offers $\pm 2\%$ output voltage accuracy. * **Low Dropout Voltage:** Requires a very small difference between input and output voltage to maintain regulation. * **Protective Features:** Includes thermal shutdown and current limit protection to prevent circuit failure. --- ### 5. Common Applications Due to its small footprint and 4.9V characteristic, it is commonly found in: 1. **Portable Electronics:** Smartphones, tablets, and handheld GPS units. 2. **Voltage Monitoring:** Acting as a reset trigger or supervisor for microcontrollers. 3. **Reference Voltage:** Providing a stable 4.9V rail for analog-to-digital converters (ADCs).
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage for the 88C49 series?
    • ⤷ Can this part be substituted with a 5.0V regulator in most circuits?
    • ⤷ How does the 'CE' pin affect power consumption?