データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 8AR-16-R

  • AI
    The **8AR-16-R** is an electronic component primarily classified as a **Gas Discharge Tube (GDT)**. These devices are critical for circuit protection, specifically designed to guard sensitive equipment against voltage transients (surges) caused by lightning or industrial switching. --- ## 1. Technical Specifications The "8AR" series by manufacturers like Littelfuse or Lumitron follows standard industrial specifications for high-energy surge protection. | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Gas Discharge Tube (GDT) | | **DC Spark-over Voltage** | 1600V (±20%) | | **Impulse Spark-over Voltage** | < 2500V (at 1kV/µs) | | **Insulation Resistance** | > 1 GΩ | | **Capacitance** | < 1.5 pF | | **Mounting Type** | Axial Lead (Through-hole) | | **Standard** | RoHS Compliant | --- ## 2. Core Functionality The 8AR-16-R acts as a "voltage-dependent switch." * **Normal State:** It maintains a very high resistance (insulator), appearing as an open circuit. Due to its extremely low capacitance, it does not interfere with high-frequency signals. * **Surge Event:** When the voltage across the terminals exceeds the spark-over threshold (1600V), the internal gas ionizes. * **Protection State:** The ionized gas becomes a highly conductive path (arc), shunting the excess current to the ground and clamping the voltage to a safe level for the downstream components. --- ## 3. Physical Construction The device consists of: 1. **Ceramic Body:** High-grade ceramic provides structural integrity and insulation. 2. **Electrodes:** Two metal electrodes separated by a specific gap. 3. **Inert Gas:** The chamber is filled with a specialized gas mixture (often containing traces of noble gases) to ensure consistent breakdown voltages. --- ## 4. Common Applications Because of its high voltage rating (1600V), the 8AR-16-R is typically found in: * **Power Supplies:** Primary side protection for AC lines. * **Telecom Equipment:** Protecting lines that may be exposed to outdoor lightning strikes. * **Industrial Controls:** Safeguarding high-voltage motor drives and PLC inputs. * **Inverters:** Solar power systems and wind turbine electronics. --- ### Comparison with MOVs Unlike Metal Oxide Varistors (MOVs), GDTs like the 8AR-16-R have much lower capacitance and higher insulation resistance, but they have a slower response time. Often, they are used in **hybrid circuits** (GDT + MOV) to provide the best of both worlds.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 8AR-16-R and a standard MOV in terms of longevity?
    • ⤷ How do I test if an 8AR-16-R gas discharge tube has failed?
    • ⤷ Can this component be used in high-frequency RF applications?