データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 8C-R

  • AI
    The **8C-R** is a specific designation commonly found within the **Honeywell Experion PKS Series 8** I/O system. Specifically, it refers to a type of I/O termination assembly or connector used in process automation and control systems. --- ### 1. Component Identification In the context of Honeywell's hardware, the "8C" prefix denotes components belonging to the **Series 8** form factor. The "R" usually indicates a **Redundant** configuration or a specific **Remote** termination type. ### 2. Key Specifications and Features The 8C-R series components are designed for high-density industrial environments. | Feature | Description | | :--- | :--- | | **System Compatibility** | Honeywell Experion PKS (Process Knowledge System). | | **Form Factor** | Series 8 (Vertical orientation, compact footprint). | | **Redundancy** | Supports dual-path communication to prevent system failure if one line is cut. | | **Wiring** | Often utilizes specialized field headers for rapid wiring. | | **Mounting** | DIN rail mounted or specialized carrier base. | --- ### 3. Electronic Architecture The electronic parts within an 8C-R module generally consist of the following layers: 1. **Isolation Layer:** Optocouplers or galvanic isolation components to protect the central controller from high-voltage surges in the field. 2. **Signal Conditioning:** Resistors, capacitors, and operational amplifiers (Op-Amps) that convert raw field signals (e.g., 4-20mA) into digital data. 3. **Communication Interface:** A proprietary bus interface that allows the module to talk to the Series 8 C300 Controller. 4. **Protection Circuitry:** TVS (Transient Voltage Suppression) diodes and fuses to prevent damage from short circuits. ### 4. Typical Part Varieties | Part Number | Description | | :--- | :--- | | **8C-TAIXA1** | Analog Input Module (often used with 8C-R series bases). | | **8C-PAIH51** | High-level Analog Input with HART support. | | **8C-TDILA1** | Digital Input Leaf Assembly. | --- ### 5. Maintenance and Troubleshooting When dealing with 8C-R electronic parts, technicians typically look for: * **LED Status Indicators:** Green for healthy, Red for fault, and Amber for standby/redundant mode. * **Hot-Swapping:** These parts are generally designed to be replaced while the system is powered (Hot-Swappable). * **Environmental Coating:** Most 8C-R boards feature "Conformal Coating" (indicated by a "C" in some variants) to protect against humidity and corrosion.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Series 8 and Series C hardware in Honeywell systems?
    • ⤷ How do you troubleshoot a 'Red' status LED on an 8C-R module?
    • ⤷ Are 8C-R components compatible with non-Honeywell controllers?