データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 8G-P16-R

  • AI
    The part number **8G-P16-R** typically refers to a high-speed, high-density **SFP+ (Small Form-factor Pluggable)** transceiver module, often associated with brands like Brocade, Avago, or Finisar. This specific part is commonly used in Fibre Channel networking environments. --- ### Technical Specifications The "8G" in the part number indicates an **8 Gigabit per second** (8Gbps) data rate, which is the standard for 4th generation Fibre Channel (FC) storage area networks. | Feature | Specification | | :--- | :--- | | **Data Rate** | 8.5 Gbps (Fibre Channel) | | **Form Factor** | SFP+ (Pluggable) | | **Interface Type** | SW (Short Wave) | | **Wavelength** | 850 nm | | **Connector** | Duplex LC | | **Cable Type** | Multi-mode Fiber (MMF) | | **Distance** | Up to 150m (on OM3) / 190m (on OM4) | | **RoHS Compliant** | Yes (Indicated by the "-R" suffix) | --- ### Internal Electronic Components The circuitry inside the 8G-P16-R is complex, designed to convert electrical signals into optical pulses and vice versa. 1. **Transmitter Section:** * **VCSEL Laser:** A Vertical-Cavity Surface-Emitting Laser that operates at 850nm. It is favored for its low power consumption and high reliability. * **Laser Driver:** An integrated circuit that regulates the current sent to the VCSEL to ensure stable light output. 2. **Receiver Section:** * **PIN Photodiode:** Converts the incoming light pulses from the fiber optic cable back into electrical current. * **Transimpedance Amplifier (TIA):** Amplifies the weak current from the photodiode into a usable voltage signal. * **Limiting Amplifier:** Quantizes the signal to ensure it meets the standard logic levels for the host device. 3. **Control Logic:** * **EEPROM:** Stores identification data (vendor name, serial number, part number) and configuration parameters. * **DDMI (Digital Diagnostic Monitoring Interface):** Allows the host system to monitor real-time parameters such as temperature, supply voltage, laser bias current, and optical power levels. --- ### Applications * **Storage Area Networks (SAN):** Connecting servers to storage arrays. * **Fibre Channel Switches:** Used in director-class switches (like Brocade DCX series). * **Data Centers:** High-speed interconnects between networking hardware.
    ✨ Follow-up Questions
    • ⤷ What is the difference between SW and LW versions of this transceiver?
    • ⤷ How does the DDMI interface help in troubleshooting network issues?
    • ⤷ Is this module backwards compatible with 4G or 2G Fibre Channel?