データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 8P-R

  • AI
    The term **8P-R** in electronics typically refers to a specific configuration of a passive component, most commonly a **Resistor Network** (or Resistor Array) in a **Single In-line Package (SIP)**. --- ## 1. Technical Specifications An 8P-R part is generally defined by the following characteristics: | Feature | Description | | :--- | :--- | | **Pins (P)** | 8 Pins in total. | | **Component (R)** | Resistors. | | **Configuration** | Usually 7 resistors with 1 common pin, or 4 isolated resistors. | | **Package Type** | SIP (Single In-line Package) or DIP (Dual In-line Package). | | **Mounting** | Through-hole (THT) or Surface Mount (SMD). | --- ## 2. Internal Circuit Configurations The "8P" identifies the pin count, but the internal wiring can vary. The two most common types are: ### A. Common Bus (Network) In this layout, Pin 1 is usually a "Common" pin connected to one side of all resistors. The other 7 pins lead to the individual resistors. * **Best for:** Pull-up or pull-down resistors for microcontrollers and logic gates. ### B. Isolated Resistors In an 8-pin package, there are 4 independent resistors. Each resistor has its own two dedicated pins (1-2, 3-4, 5-6, 7-8). * **Best for:** Terminating lines or current limiting for multiple LEDs where different voltages are involved. --- ## 3. Advantages of using 8P-R Arrays Using an array instead of individual discrete resistors offers several benefits in manufacturing: 1. **Space Efficiency:** Takes up significantly less PCB (Printed Circuit Board) real estate than 8 individual resistors. 2. **Assembly Speed:** A pick-and-place machine only needs to move once to place 4-7 resistors. 3. **Matching:** Because the resistors are manufactured on the same substrate, they have very similar temperature coefficients and tolerance matching. 4. **Simplified Routing:** Organizes the traces on the board, making the layout cleaner. --- ## 4. Example Applications * **LED Current Limiting:** Driving a 7-segment display. * **Digital Logic:** Providing pull-up resistors for an 8-bit data bus (using the 7 resistors + 1 common VCC pin). * **Bus Termination:** Reducing signal reflections in high-speed digital circuits. ---
    ✨ Follow-up Questions
    • ⤷ How do I identify the 'Common' pin on an 8P-R resistor network?
    • ⤷ What are the typical resistance values available for these arrays?
    • ⤷ Can 8P-R packages contain components other than resistors
    • ⤷ like capacitors?