データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 8Z1-R

  • AI
    The **8Z1-R** refers to a specific series or nomenclature for **Quartz Crystal Units (Resonators)**, most commonly manufactured by **TXC Corporation**. These components are essential in digital electronics for providing a stable clock frequency. --- ## 1. Component Overview The 8Z series represents a miniature, surface-mount (SMD) ceramic package crystal. The "1-R" suffix usually denotes specific revisions or packaging styles (such as RoHS compliance or tape-and-reel specifications). ### Key Specifications | Feature | Description | | :--- | :--- | | **Package Type** | 2.5 x 2.0 mm (Seam Sealed) | | **Frequency Range** | Typically 12 MHz to 54 MHz | | **Load Capacitance** | Standard 8pF, 10pF, or 12pF (customizable) | | **Tolerance** | ±10 ppm to ±30 ppm (at 25°C) | | **Operating Temp** | -20°C to +70°C (Standard) or -40°C to +85°C (Industrial) | | **Drive Level** | 100 μW (Maximum) | --- ## 2. Technical Characteristics The 8Z1-R is designed for high-density PCB layouts where space is at a premium. * **Miniaturization:** Its 2520 (metric) footprint is ideal for mobile devices and IoT sensors. * **Stability:** Offers excellent aging characteristics (typically ±3 ppm/year). * **Physical Structure:** It is a 4-pad device. Usually, pins 1 and 3 are for the crystal connection, while pins 2 and 4 are grounded to the metal lid to reduce EMI (Electromagnetic Interference). --- ## 3. Common Applications Due to its small size and high precision, the 8Z1-R is found in: 1. **Wireless Communications:** Bluetooth Low Energy (BLE), Zigbee, and WiFi modules. 2. **Wearables:** Smartwatches and fitness trackers. 3. **Consumer Electronics:** Microcontrollers (MCUs) requiring external clock sources. 4. **PC Peripherals:** USB hubs and high-speed interfaces. --- ## 4. Typical Circuit Integration When using an 8Z1-R crystal, it is typically paired with two load capacitors ($C_1, C_2$) to create a Pierce Oscillator circuit. ```c // Example Schematic Representation [MCU_XTAL_IN] ----+---- [8Z1-R Crystal] ----+---- [MCU_XTAL_OUT] | | [C1] [C2] | | [GND] [GND] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an 8Z crystal and a standard oscillator?
    • ⤷ How do I calculate the load capacitance for the 8Z1-R?
    • ⤷ Are there automotive-grade versions of the 2520 crystal series?