データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 908AS-R

  • AI
    The **908AS-R** typically refers to a high-performance, programmable intelligent soldering station or a specific heating element assembly used in precision electronics repair. Below is a breakdown of its electronic components and functional architecture. --- ## 1. Core Component Breakdown | Component Category | Description | Key Functions | | :--- | :--- | :--- | | **Microcontroller (MCU)** | Integrated Circuit (IC) | Handles PID temperature control, sleep timers, and digital display output. | | **Heating Element** | Ceramic Core | Provides rapid thermal recovery and stable heat transfer. | | **Sensor (Thermocouple)** | K-Type or Thermistor | Integrated into the tip to provide real-time temperature feedback. | | **User Interface** | LCD/LED & Buttons | Displays target vs. actual temperature and allows for calibration. | | **Power Regulation** | Triac/MOSFET | Switches power to the heater based on PWM signals from the MCU. | --- ## 2. Technical Specifications The electronics are designed to support high-efficiency soldering tasks with the following general parameters: * **Input Voltage:** 110V/220V AC. * **Power Output:** Usually rated between **60W to 80W**. * **Temperature Range:** 180°C to 480°C (356°F to 896°F). * **Temperature Stability:** ±2°C (driven by the PID algorithm). --- ## 3. Electronic Features & Logic ### PID Control Loop The 908AS-R uses **Proportional-Integral-Derivative (PID)** logic. Unlike basic irons that simply turn on and off, this electronic system calculates the exact power needed to maintain a constant temperature even when the tip touches a large heat-sink (like a ground plane). ### Safety & Protection The circuitry includes: 1. **ESD Safety:** The tip is grounded to prevent electrostatic discharge from damaging sensitive CMOS components. 2. **Auto-Sleep Mode:** An internal vibration sensor or timer detects inactivity and drops the temperature to extend the life of the heating element. 3. **Fault Detection:** The MCU can detect a "Sensor Error" or "Heater Error" and cut power immediately. ### Control Logic Snippet (Conceptual) If we were to represent the temperature checking logic in code, it would look like this: ```cpp if (currentTemp < targetTemp) { applyPower(PWM_HIGH); // Rapidly heat up } else if (currentTemp >= targetTemp) { applyPower(PWM_LOW); // Maintain steady state } ``` ---
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the temperature on a 908AS-R?
    • ⤷What is the difference between the ceramic heater and a nichrome heater in this model?
    • ⤷Can the 908AS-R handle lead-free soldering effectively?