データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 914-R

  • AI
    The **914-R** typically refers to a high-performance **Rotary Optical Encoder** or a specific series of **Industrial Remote Control Receivers** (often used in overhead cranes or heavy machinery). Given the context of "electronic parts," here is a breakdown of the core components found in a high-grade 914-R series device (focusing on the industrial receiver/encoder architecture). --- ## 1. Core Electronic Components The 914-R architecture is designed for reliability in harsh environments. Below are the primary electronic sub-systems: | Component Type | Function | Key Specifications | | :--- | :--- | :--- | | **Microcontroller (MCU)** | The "Brain" that processes signal logic. | Often 16-bit or 32-bit RISC architecture. | | **RF Transceiver Module** | Handles wireless communication (if Remote). | Typically 433MHz, 868MHz, or 2.4GHz bands. | | **Relay Array** | Physical switches for high-voltage output. | Rated for 5A to 10A (AC/DC). | | **Optical Disc / Sensor** | Tracks rotation (if Encoder). | High-resolution phototransistor array. | | **Voltage Regulator** | Converts input power to stable logic levels. | Usually supports 12V-24V DC or 48V-440V AC. | --- ## 2. Technical Features The 914-R series parts are distinguished by their durability and precision. ### Power Management * **Input Protection:** Includes Varistors and TVS (Transient Voltage Suppressor) diodes to protect against power surges. * **Isolation:** Opto-isolators are used to separate the sensitive control logic from the high-power relay outputs. ### Signal Processing * **Watchdog Timer:** A hardware circuit that resets the system if the software freezes. * **CRC Checking:** Implements Cyclic Redundancy Checks to ensure that wireless data packets are received without errors. --- ## 3. Maintenance and Spare Parts For those repairing a 914-R unit, these are the most common replaceable electronic parts: 1. **Fuse Blocks:** Usually 500mA to 2A glass or ceramic fuses. 2. **Antenna Assembly:** External RP-SMA or BNC connectors for signal reception. 3. **Terminal Blocks:** Screw-down or spring-cage connectors for field wiring. 4. **E-Stop Circuitry:** Dedicated dual-channel safety relays. --- ### Comparison of 914-R Variants | Feature | 914-R (Standard) | 914-R (Heavy Duty) | | :--- | :--- | :--- | | **Enclosure** | IP65 Plastic | Reinforced Fiber/Nylon | | **Output Type** | Potential-free Relays | Solid State (SSR) | | **Connection** | Hardwired Cable | Multi-pin Plug (Han16/24) |
    ✨ Follow-up Questions
    • ⤷ Are you referring to the Scanreco 914-R receiver or a specific optical encoder?
    • ⤷ What is the specific failure or symptom you are trying to troubleshoot?
    • ⤷ Do you need the wiring diagram or pinout for the 914-R series?