データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 92-E-R

  • AI
    The **92-E-R** is a specific model designation commonly associated with high-performance electronic components, most notably within the **Honeywell / Spectronics** lines of optical sensors or specialized heavy-duty industrial relays. Depending on the manufacturer, the "92-E-R" designation usually refers to a **Reflective Photosensor** or an **Industrial Power Relay**. Below is a breakdown of the typical electronic characteristics. --- ### 1. Component Identification | Feature | Description | | :--- | :--- | | **Type** | Reflective Optical Sensor / Industrial Relay | | **Configuration** | Emitter and Detector in a single housing | | **Output Type** | Typically NPN or PNP (for sensors) or SPDT/DPDT (for relays) | | **Termination** | Radial leads or Terminal pins | ### 2. Core Electronic Parts & Logic The 92-E-R series generally consists of three primary internal stages: #### A. The Emitter Stage * **LED (Infrared):** Most 92-E-R sensors use an Infrared Emitting Diode. It converts electrical energy into light (usually around 880nm - 940nm). * **Current Limiting:** Requires an external resistor to prevent thermal runaway of the LED. #### B. The Detector Stage * **Phototransistor:** This component detects the light reflected back from an object. * **Sensitivity:** High-gain NPN silicon phototransistors are common in this model to ensure detection even with low reflectivity surfaces. #### C. The Housing (Optical Path) * **Daylight Filter:** The "R" variant often includes a filter to block ambient visible light, preventing false triggers from overhead room lighting. ### 3. Electrical Specifications (Typical) | Parameter | Value (Approximate) | | :--- | :--- | | **Forward Current ($I_F$)** | 20mA - 50mA | | **Collector-Emitter Voltage ($V_{CEO}$)** | 30V | | **Operating Temperature** | -40°C to +85°C | | **Switching Speed** | Microseconds ($\mu s$) | --- ### 4. Common Applications 1. **Object Detection:** Identifying the presence of paper in a printer or a part on a conveyor belt. 2. **Limit Switching:** Acting as a non-contact end-stop for CNC or 3D printing axes. 3. **Encoders:** Used with a slotted disk to measure RPM or motor position.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the 92-E-R reflective sensor?
    • ⤷ How do I calculate the resistor value for the IR LED in this component?
    • ⤷ Are there waterproof versions of the 92-E-R for outdoor use?