データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 932SQL4

  • AI
    The **932SQL4** (often referenced as the **932SQL420**) is a specialized **low-power clock synthesizer/buffer** designed primarily for high-performance computing architectures, such as servers and workstations. It is a part of the IDT (now Renesas) family of clock chips specifically engineered for Intel-based platforms. --- ### ## 1. Technical Specifications The device functions as a Main Clock for server platforms, distributing timing signals across the motherboard. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Renesas (formerly IDT) | | **Function** | Low Power Clock Synthesizer / Buffer | | **Output Type** | HCSL (Host Clock Signal Level) / LVCMOS | | **Interface** | SMBus (System Management Bus) | | **Voltage Supply** | 3.3V / 1.5V to 1.8V (VDD/VDDA) | | **Compliance** | PCIe Gen1, Gen2, Gen3, and Gen4 | --- ### ## 2. Core Functional Components The 932SQL4 internal circuitry is divided into several critical blocks: 1. **Phase-Locked Loop (PLL):** It generates high-frequency stable clock signals from a low-frequency crystal input (usually 25MHz). 2. **Spread Spectrum Generator:** This reduces Electromagnetic Interference (EMI) by slightly modulating the clock frequency, which is vital for passing regulatory testing in server environments. 3. **Clock Outputs:** * **CPU Clocks:** High-speed differential pairs for the processor. * **SRC (Source) Clocks:** Used for PCIe slots and SATA controllers. * **DOT96:** A fixed 96MHz clock for specialized communication interfaces. 4. **SMBus Interface:** Allows the system BIOS to configure the chip, enable/disable specific clock outputs, or adjust the spread spectrum settings. --- ### ## 3. Key Pinout Categories The chip typically comes in a **MLF (Micro Lead Frame)** or **TSSOP** package. Below are the primary pin groupings: | Pin Group | Purpose | | :--- | :--- | | **X1 / X2** | Crystal oscillator input pins. | | **SCLK / SDATA** | SMBus data and clock lines for programming. | | **DIFF_OUT** | Differential clock pairs (HCSL) for CPU and PCIe. | | **VDD / VSS** | Power and ground pins for the core and I/O. | | **OE#** | Output Enable pins to manually turn off specific signals. | --- ### ## 4. Application Context The 932SQL4 is most commonly found in: * **Enterprise Servers:** Providing the base clock for Intel Xeon-based systems. * **Cloud Infrastructure:** Used in blades where power efficiency (Low Power HCSL) is critical to reduce heat. * **Networking Equipment:** High-speed routers that require PCIe Gen3/4 synchronization. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between HCSL and LVCMOS outputs in this chip?
    • ⤷ How do I configure the 932SQL4 via the SMBus interface?
    • ⤷ What crystal frequency is required for the 932SQL4 to operate correctly?