データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 95020-R

  • AI
    The **95020-R** (often labeled as **M95020-R**) is a specific type of non-volatile memory chip. It belongs to the **EEPROM** (Electrically Erasable Programmable Read-Only Memory) family and is widely used in automotive electronics, consumer devices, and industrial control systems. --- ### 1. Technical Specifications The "95020" series follows standard industry naming conventions. Below are the primary technical characteristics: | Feature | Specification | | :--- | :--- | | **Memory Size** | 2 Kbit (256 bytes) | | **Interface** | SPI (Serial Peripheral Interface) | | **Clock Frequency** | Up to 20 MHz (depending on voltage) | | **Operating Voltage** | 1.8V to 5.5V (The "-R" suffix denotes wide range) | | **Write Cycles** | ~1 Million cycles | | **Data Retention** | 40+ Years | | **Package Types** | SO8, TSSOP8, UFDFPN8 | --- ### 2. Suffix Meanings In the part number **M95020-RMN6TP**, the characters provide specific information: * **M95:** SPI Interface EEPROM family. * **020:** Density (2 Kilobits). * **-R:** Denotes low voltage operation (1.8V to 5.5V). * **MN:** Package type (e.g., SO8 narrow). * **6:** Industrial temperature range (-40°C to +85°C). --- ### 3. Pin Configuration (Standard SO8) The device typically uses an 8-pin layout to communicate with a microcontroller: | Pin | Symbol | Function | | :--- | :--- | :--- | | 1 | **S#** | Chip Select (Active Low) | | 2 | **Q** | Serial Data Output | | 3 | **W#** | Write Protect | | 4 | **Vss** | Ground | | 5 | **D** | Serial Data Input | | 6 | **C** | Serial Clock | | 7 | **HOLD#** | Pause Communication | | 8 | **Vcc** | Supply Voltage | --- ### 4. Common Applications Because it is small and reliable, the 95020-R is frequently found in: * **Automotive:** Storing Odometer data, Airbag configuration, or Immobilizer codes (often found in ECU/BSI units). * **Consumer Electronics:** Settings and calibration data for monitors or printers. * **Medical:** Patient data logs in portable diagnostic tools. --- ### 5. Programming Code Example (Pseudo-SPI) To read from the 95020-R, a microcontroller sends an instruction byte followed by the address: ```c // Example SPI command sequence for 95020 void read_eeprom(uint8_t address) { CS_Low(); // Select the chip SPI_Transfer(0x03); // READ instruction SPI_Transfer(address); // Send 8-bit address uint8_t data = SPI_Receive(); CS_High(); // Deselect the chip } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 95020 and the 95040 models?
    • ⤷ How do I clear the 'Write Protect' status on this chip?
    • ⤷ Can I use an Arduino to read the data from a 95020-R?