データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 970-TX..SLASH04

  • AI
    Based on your query, it appears you are referring to the **970-TX/04**, which is a high-performance **Fiber Optic Transmitter** module, typically manufactured by companies like **VOS Systems** or associated with specific industrial video/data transmission systems. These modules are designed to convert electrical signals (often video or data) into optical signals for long-distance transmission over fiber optic cables. --- ## 🛠️ Key Electronic Components & Specifications The 970-TX/04 consists of several critical subsystems. Below is a breakdown of the electronic parts and their functions: | Component Category | Description | Primary Function | | :--- | :--- | :--- | | **Laser Diode** | High-speed semiconductor light source. | Converts electrical pulses into light (Optical Output). | | **BNC Connector** | 75 Ohm coaxial interface. | Receives the incoming analog/digital video signal. | | **ST/FC Connector** | Optical interface housing. | Connects the module to the fiber optic patch cord. | | **Voltage Regulator** | DC-DC internal circuitry. | Stabilizes power (usually 12VDC) for internal logic. | | **Signal Driver IC** | Integrated circuit chipset. | Amplifies and conditions the input signal before modulation. | --- ## 📋 Technical Characteristics The "/04" suffix often denotes specific channel configurations or wavelength variations. General specs for the 970-TX series include: ### 1. Transmission Media * **Fiber Type:** Usually designed for **Single-mode** or **Multimode** fiber. * **Wavelength:** Typically operates at **1310nm** or **1550nm**. ### 2. Signal Processing * **Video Bandwidth:** Support for high-resolution analog video (NTSC, PAL, SECAM). * **Distance:** Capable of transmitting signals over distances ranging from 2km to 60km (depending on the specific laser power). ### 3. Indicator LEDs Most 970-TX modules feature diagnostic LEDs on the front panel: * **Power LED:** Indicates the unit is receiving DC voltage. * **Video/Data LED:** Flashes or stays solid to indicate an active input signal is detected. --- ## 🔧 Installation Pinout (Standard Example) If you are wiring the power or data terminals, they usually follow this logic: ```yaml Terminal Block: - Pin 1: +12V DC (Power Input) - Pin 2: Ground (GND) - Pin 3: Case/Earth Ground - Pin 4: Alarm Output (Optional) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific input voltage required for the 970-TX/04?
    • ⤷ Is this module compatible with single-mode or multi-mode fiber?
    • ⤷ How do I troubleshoot a 'No Signal' LED on this device?