データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 99D-R3

  • AI
    The **99D-R3** is typically identified as a specialized **high-voltage igniter** or a **high-energy ignition pulse generator**, frequently used in industrial burner systems, oil/gas boilers, and certain medical equipment (like X-ray generator sub-circuits). Below is a breakdown of the electronic components and technical specifications associated with this type of module. --- ### 1. Technical Specifications The device functions by converting a standard input voltage into a high-frequency, high-voltage spark. | Feature | Typical Specification | | :--- | :--- | | **Input Voltage** | 220V - 240V AC (50/60Hz) | | **Output Voltage** | 15kV - 20kV (Peak) | | **Current Consumption** | ~0.3A to 1.5A | | **Duty Cycle** | Intermittent (e.g., 33% over 3 minutes) | | **Spark Frequency** | 1 - 25 Hz (depending on load) | --- ### 2. Internal Electronic Architecture The 99D-R3 consists of several key stages that manage the power transformation: #### A. Input & Filtration * **EMI Filter:** Includes small capacitors and inductors to prevent electromagnetic interference from traveling back into the mains power line. * **Rectifier Bridge:** Converts AC input into DC to charge the primary capacitor. #### B. Energy Storage (Charging Circuit) * **Storage Capacitor:** A high-quality capacitor that accumulates energy. This is the "reservoir" that determines the intensity of the spark. * **Resistors:** Used to limit the charging current to protect the internal diodes. #### C. Discharge Mechanism * **Thyristor (SCR) or Spark Gap:** Acts as a high-speed electronic switch. Once the capacitor reaches a specific voltage, the switch closes. * **Trigger Circuit:** Uses a DIAC or a small timing circuit to tell the SCR exactly when to fire. #### D. Step-Up Transformer (The Ignition Coil) * This is the largest component. It uses a high turn-ratio (primary vs. secondary) to "step up" the stored DC pulse from a few hundred volts to **15,000+ volts**. * **Potting Compound:** The entire assembly is usually encased in epoxy resin to prevent internal arcing and provide moisture resistance. --- ### 3. Connection Pinout (Typical) Most 99D-R3 units utilize a standard 3-pin or 4-pin interface: | Pin Label | Function | Description | | :--- | :--- | :--- | | **L / N** | Power Input | Connection to the AC mains supply. | | **GND / E** | Ground | Essential for safety and to complete the spark circuit. | | **HV Out** | High Voltage | The terminal connected to the spark electrode. | --- ### 4. Common Failure Points If the unit fails to produce a spark, the electronics usually suffer from: 1. **Capacitor Degradation:** The storage capacitor loses capacity over time due to heat. 2. **Carbon Tracking:** High voltage creates "paths" on the surface of the plastic, leading to internal short circuits. 3. **Coil Insulation Breakdown:** The thin wires in the transformer melt or short out. ---
    ✨ Follow-up Questions
    • ⤷ What are the safety precautions when testing a 99D-R3 module?
    • ⤷ How can I test if the transformer in the 99D-R3 is still functional?
    • ⤷ Are there specific replacement models compatible with the 99D-R3?