データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 9SQL4952

  • AI
    The **9SQL4952** is a high-performance clock generator/buffer, specifically a **PCIe Gen4/5 Low-Power Zero-Delay/Fanout Buffer**. It is part of the Renesas (formerly IDT) "9SQL" family designed primarily for servers, networking, and high-speed data center applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Interface** | PCIe Gen1, Gen2, Gen3, Gen4, and Gen5 | | **Outputs** | 2 Low-power HCSL (LP-HCSL) output pairs | | **Input Type** | Differential (HCSL or LVDS) | | **Power Supply** | 1.8V Core and I/O | | **Package** | 24-pin VFQFPN (4mm x 4mm) | | **Power Consumption** | Very Low (approx. 50mW - 100mW depending on load) | --- ### 2. Core Functional Blocks 1. **Phase-Locked Loop (PLL):** The device contains a high-quality PLL that can operate in "Zero Delay" mode to ensure that the input clock and output clocks are perfectly synchronized in phase. 2. **LP-HCSL Outputs:** Unlike standard HCSL (Host Clock Signal Level), the "Low Power" HCSL outputs do not require external termination resistors to ground, significantly reducing board space and power dissipation. 3. **SMBus Interface:** Allows for digital configuration of the chip, enabling/disabling specific outputs, and monitoring device status. --- ### 3. Application Use Cases * **Server Motherboards:** Distributing a single reference clock to multiple PCIe slots or NVMe drives. * **Network Switches:** Synchronizing high-speed data planes. * **Storage Arrays:** Maintaining signal integrity over backplanes for high-speed SSDs. --- ### 4. Comparison: Zero-Delay vs. Fanout Buffer The 9SQL4952 can often be configured in two modes: | Mode | Description | | :--- | :--- | | **Zero-Delay Buffer (ZDB)** | The PLL locks to the input clock, eliminating the propagation delay between input and output. | | **Fanout Buffer** | The PLL is bypassed; the input signal is simply amplified and split to the outputs. This results in lower additive jitter but introduces a slight delay. | --- ### 5. Implementation Example Below is a conceptual representation of how the 9SQL4952 is addressed via I2C/SMBus in a Linux-style pseudocode: ```c // Example: Disabling Output 1 to save power via SMBus void disable_output_1(int device_address) { uint8_t control_register = 0x01; uint8_t data = i2c_read(device_address, control_register); // Set the bit corresponding to Output 1 to 0 (Disabled) data &= ~(1 << 1); i2c_write(device_address, control_register, data); } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between HCSL and LP-HCSL in this chip?
    • ⤷ How does the 9SQL4952 handle PCIe Gen5 jitter requirements?
    • ⤷ What are the power-down modes available for this device?