データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • A-143-R

  • AI
    The **A-143-R** typically refers to a high-precision, wirewound power resistor often used in industrial controls, telecommunications, and high-reliability circuits. Depending on the manufacturer (such as Riedon or similar precision component makers), these parts are characterized by their stability and heat dissipation. ### 1. Key Technical Specifications The following table outlines the typical electrical characteristics for a resistor in this series: | Property | Typical Specification | | :--- | :--- | | **Component Type** | Precision Wirewound Resistor | | **Power Rating** | 0.25W to 2W (Variable by sub-model) | | **Resistance Range** | 0.1 $\Omega$ to 1 M$\Omega$ | | **Tolerance** | $\pm$0.01% to $\pm$1% | | **Temperature Coefficient (TCR)** | $\pm$2 ppm/°C to $\pm$20 ppm/°C | | **Operating Temp Range** | -55°C to +145°C | --- ### 2. Physical Construction The "R" suffix often denotes specific lead configurations or ROHS compliance, but the internal structure remains focused on precision: * **Core:** Usually a high-grade ceramic or steatite mandrel. * **Winding:** A resistive wire (often Nickel-Chromium or Copper-Nickel alloy) is wound around the core. * **Encapsulation:** Coated in a high-temperature epoxy or silicone resin to protect against moisture and mechanical shock. * **Termination:** Tinned copper leads for through-hole mounting. --- ### 3. Applications and Use Cases Because of their high stability and low drift over time, A-143-R parts are used in: 1. **Current Sensing:** Low resistance values allow for accurate voltage drop measurements in power supplies. 2. **Instrumentation:** Used in bridges and measurement devices where resistance must not change with temperature. 3. **Medical Equipment:** High-reliability circuits that require long-term accuracy. 4. **Audio Gear:** Used in high-end audio crossovers due to low inductive/capacitive noise. --- ### 4. Part Numbering Breakdown (Example) While specific to certain manufacturers, the part number usually breaks down as follows: ```text A - 143 - R | | | | | +---- Possible ROHS Compliant or Radial Lead designation | +--------- Physical Frame Size / Power Rating Code +-------------- Series Identifier (Wirewound Precision) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage rating for the A-143-R series?
    • ⤷ Are there surface-mount (SMD) equivalents for this component?
    • ⤷ How does the TCR of this part compare to standard thick-film resistors?