データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • A-MCSSP60005-Y-R

  • AI
    The part number **A-MCSSP60005-Y-R** refers to a high-quality **Modular Patch Cable** (Ethernet cable) manufactured by **ASSMANN WSW Components**. Below is a detailed breakdown of its electronic and physical specifications. --- ## 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Manufacturer** | ASSMANN WSW Components | | **Cable Type** | S/FTP (Shielded Foiled Twisted Pair) | | **Category** | Cat6 | | **Connector Type** | RJ45 (8P8C) to RJ45 (8P8C) | | **Length** | 0.5 Meters (approx. 1.64 feet) | | **Color** | Yellow | | **Jacket Material** | LSZH (Low Smoke Zero Halogen) | | **Wire Gauge** | 27 AWG | | **Shielding** | Individual foil per pair + Overall braid | --- ## 2. Electronic & Structural Components ### A. Shielding (S/FTP) The "S/FTP" designation is critical for electronic performance: * **PimF (Pair in Metal Foil):** Each of the four twisted pairs is wrapped in aluminum foil to eliminate **Crosstalk** (interference between internal wires). * **Overall Braid:** A tinned copper braid surrounds all pairs, providing superior protection against **EMI (Electromagnetic Interference)** and **RFI (Radio Frequency Interference)** compared to standard UTP cables. ### B. Category 6 (Cat6) Performance * **Bandwidth:** Rated for frequencies up to **250 MHz**. * **Data Rate:** Supports up to **10 Gbps** (10GBASE-T) over short distances, though it is primarily optimized for reliable **1 Gbps** (Gigabit Ethernet) performance. ### C. LSZH Jacket (Low Smoke Zero Halogen) In the event of a fire, the "Y" (Yellow) jacket is made of LSZH material. Unlike PVC, this material: * Does not emit toxic halide gases. * Produces very little smoke, making it safer for use in data centers and poorly ventilated areas. ### D. Gold Plated Contacts The RJ45 connectors typically feature **50µ" gold plating** on the pins. This ensures: * High conductivity. * Resistance to oxidation/corrosion over time. * Stable signal integrity through multiple plug/unplug cycles. --- ## 3. Part Number Breakdown * **A-MCS**: Assmann Modular Cable Series. * **SP**: Shielded Plug / Shielded Twisted Pair. * **6**: Category 6. * **0005**: Length (0.5 meters). * **Y**: Yellow Jacket. * **R**: RoHS Compliant.
    ✨ Follow-up Questions
    • ⤷ What is the difference between S/FTP and UTP in terms of signal noise?
    • ⤷ Can this Cat6 cable be used in a Cat5e environment?
    • ⤷ What are the benefits of LSZH material in industrial applications?