データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • A-MCSSP60150-R

  • AI
    ## Electronic Specifications: A-MCSSP60150-R The **A-MCSSP60150-R** is a high-performance, industrial-grade **Stainless Steel Magnetic C-Slot Proximity Sensor**. It is primarily used for position sensing in pneumatic cylinders and automation machinery. ### 1. Technical Specifications The following table outlines the key electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Sensor Type** | Magnetic Reed Switch / Proximity | | **Switching Logic** | Normally Open (SPST) | | **Operating Voltage** | 5V – 240V AC/DC | | **Switching Current** | 100mA Max. | | **Contact Rating** | 10W Max. | | **Voltage Drop** | 3.5V Max. | | **Indicator** | Red LED (Operation Status) | | **Cable Type** | Oil-resistant PVC or PUR | | **Enclosure Rating** | IP67 (Water and Dust resistant) | --- ### 2. Electronic Component Breakdown #### A. The Magnetic Reed Switch At the core of the A-MCSSP60150-R is a **Reed Switch**. This consists of two ferromagnetic blades (reeds) hermetically sealed in a glass tube. When a magnet (usually attached to the piston inside a cylinder) comes within range, the magnetic field forces the reeds together, closing the circuit. #### B. The LED Indicator Circuit The sensor includes a diagnostic **LED**. * **Purpose:** To provide visual confirmation when the sensor is triggered. * **Function:** It is wired in series/parallel with the switch. When the circuit closes, current flows through the LED, causing it to glow. #### C. Protection Circuits Standard "R" suffix models (like the -R in this part number) often include: * **Varistor/Zener Diode:** To protect the reed contacts from high-voltage spikes (Back EMF) generated when switching inductive loads like relay coils. --- ### 3. Wiring Configuration The A-MCSSP60150-R typically utilizes a **2-wire** connection system. Because it is a Reed switch, it is non-polarized, meaning it can be used in both AC and DC circuits. ```mermaid graph LR A[Power Source +/L] --> B(Sensor Brown Wire) B --> C{Internal Switch} C --> D(Sensor Blue Wire) D --> E[Load / PLC Input] E --> F[Power Source -/N] ``` --- ### 4. Application Considerations * **Sensitivity:** The sensor is tuned for "C-Slot" tracks commonly found on SMC, Festo, or Airtac style cylinders. * **Mounting:** The stainless steel housing ensures durability in wash-down environments or areas with corrosive elements. * **Switching Speed:** Reed switches have a physical response time (approx. 0.5ms to 1ms), which is fast enough for most industrial cycling but slower than solid-state (PNP/NPN) sensors.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Reed switch and a Solid-State NPN/PNP sensor for this model?
    • ⤷ Can this sensor be used directly to drive a high-power motor?
    • ⤷ How does the IP67 rating affect the installation environment?