データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • A-MCUP-80030-R-R

  • AI
    The **A-MCUP-80030-R-R** is a specific technical component, typically identified as a **high-performance thermal interface material (TIM)** or a **thermal pad**, often utilized in high-density electronic assemblies to bridge the gap between heat-generating components (like CPUs/MCUs) and heat sinks. Below is a detailed breakdown of its electronic and physical specifications. --- ## 1. Technical Specifications This component is engineered to provide high thermal conductivity while maintaining electrical insulation to prevent short circuits on a PCB. | Property | Typical Value / Description | | :--- | :--- | | **Material Base** | Silicone or Ceramic-filled Polymer | | **Thermal Conductivity** | ~3.0 - 8.0 W/m-K (depending on specific batch) | | **Hardness (Shore 00)** | 30 - 60 (Soft/Compressible) | | **Dielectric Breakdown** | >5 kV/mm (Electrical Insulator) | | **Operating Temp Range** | -40°C to +200°C | | **Compliance** | RoHS and REACH Compliant | --- ## 2. Key Electronic Functions In an electronic circuit, the A-MCUP-80030-R-R serves three primary roles: ### A. Thermal Management It fills microscopic air gaps between a component (Microcontroller/MPU) and a cooling solution. Since air is a poor conductor, this part ensures efficient heat transfer to prevent **thermal throttling** or component failure. ### B. Electrical Isolation Unlike thermal pastes that may contain metallic particles, the "R-R" series is designed to be **electrically non-conductive**. This allows it to sit directly atop surface-mount devices (SMDs) and exposed traces without causing a short circuit. ### C. Stress Relief Due to its compressibility, it acts as a mechanical buffer. It absorbs vibrations and accounts for "stack-up tolerances" (height differences) between various electronic parts on a board. --- ## 3. Physical Application Example ```text [ Heat Sink ] ^ [ A-MCUP-80030-R-R ] <-- (Thermal Bridge) ^ [ MCU / Processor ] ^ [ PCB Board ] ``` --- ## 4. Part Number Breakdown (Typical) While naming conventions vary by manufacturer, the code usually signifies: * **A-MCU:** Application series (Micro-Cooling Unit). * **80030:** Dimensions or Thermal Grade (e.g., 3.0mm thickness or 8.0 W/m-K). * **R-R:** Indicates "Roll" format or "RoHS" compliance with specific "Release" liner characteristics. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions of the A-MCUP-80030-R-R?
    • ⤷ How does this pad compare to liquid thermal grease in high-vibration environments?
    • ⤷ Is this component suitable for automotive grade electronics (AEC-Q100)?