データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • A-RJ45GFS

  • AI
    The **A-RJ45GFS** is a high-performance, industrial-grade RJ45 connector, often characterized as a **modular jack with integrated magnetics** (also known as a MagJack). These components are essential for Ethernet communication, combining the mechanical connection and the necessary electrical isolation into a single package. --- ### 1. Technical Specifications Overview The A-RJ45GFS series typically follows these standard electrical and physical parameters: | Parameter | Description | | :--- | :--- | | **Connector Type** | RJ45 (8P8C) | | **Shielding** | Metal Shield (EMI protection) | | **Mounting Type** | Through-hole (THT) or SMT | | **Orientation** | Right Angle (Side Entry) | | **LED Indicators** | Often dual LED (Green/Yellow) | | **Speed Support** | 10/100/1000 Base-T (Gigabit Ethernet) | --- ### 2. Key Internal Electronic Components The "GFS" designation usually refers to a specific configuration of integrated magnetics. Unlike a standard plastic jack, this part contains: 1. **Isolation Transformers:** These provide galvanic isolation between the PHY (Physical Layer) chip and the network cable, protecting the circuitry from static and high-voltage surges. 2. **Common Mode Chokes:** Used to suppress Electromagnetic Interference (EMI) and ensure signal integrity across the twisted pair cables. 3. **Bob Smith Termination:** A resistor-capacitor network integrated inside the jack to reduce common-mode noise and match impedance. 4. **LED Circuitry:** Integrated resistors are often included to allow direct connection to the MCU/SOC status pins. --- ### 3. Pinout and Interface The component bridges the gap between the PCB and the Ethernet cable: * **Cable Side (Front):** Standard 8-pin interface for Cat5e/Cat6 cables. * **PCB Side (Bottom):** * **Signal Pins:** Connect to the Ethernet Transceiver (PHY). * **Shield Tabs:** Connected to Chassis Ground to drain EMI. * **LED Pins:** Anode and Cathode pins for link and activity status. --- ### 4. Common Applications * **Networking Equipment:** Routers, switches, and hubs. * **Industrial Automation:** PLCs and Industrial PCs (due to the high EMI resistance). * **IoT Gateways:** Devices requiring stable long-distance wired communication.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a standard RJ45 and a MagJack like the A-RJ45GFS?
    • ⤷ How do the integrated LEDs in this connector typically wire to a microcontroller?
    • ⤷ Does this specific part support Power over Ethernet (PoE)?