A108T1CWCQ0Q
AI

The **A108T1CWCQ0Q** is a specific electronic component manufactured by **TE Connectivity / Alcoswitch**. It belongs to the **Gemini A Series** of subminiature toggle switches.
Below is a detailed breakdown of its electronic parts, specifications, and construction.
---
### 1. Technical Specifications
The part number encodes specific mechanical and electrical characteristics. Here is the data breakdown:
| Characteristic | Specification |
| :--- | :--- |
| **Switch Function** | SPDT (Single Pole Double Throw) |
| **Switch Operation** | ON-NONE-ON (Maintained) |
| **Contact Rating** | 5A @ 120VAC / 28VDC; 2A @ 250VAC |
| **Contact Plating** | Silver (Q-type plating) |
| **Termination Style** | PC Pin (Straight) |
| **Actuator Style** | Standard Round Toggle (10.41mm / 0.410") |
| **Bushing Type** | 1/4-40 Threaded (Splashproof) |
| **Mounting Type** | Panel Mount / Through-Hole |
---
### 2. Breakdown of the Internal Components
The device consists of several critical electronic and mechanical sub-assemblies:
#### A. The Actuator (Toggle)
* **Material:** Usually brass, chrome-plated for durability.
* **Function:** This is the interface the user moves. It acts as a lever to pivot the internal contact mechanism.
#### B. The Contact System (The "Heart")
* **Wiping Action:** The internal contacts utilize a "wipe" design, which helps clear oxidation from the contact surfaces every time the switch is toggled.
* **Silver Plating:** The "Q" in the part number signifies **Silver Contacts**. Silver provides the highest electrical conductivity but is prone to sulfidation, making it ideal for power applications (up to 5A) rather than low-level logic signals.
#### C. The Housing & Insulation
* **Base/Body:** Typically made of Diallyl Phthalate (DAP) or a similar high-temperature thermoset plastic. This ensures the terminals stay isolated and the switch can withstand soldering heat.
* **Bushing:** The "CW" indicates a **Splashproof** or sealed bushing design, often featuring an O-ring to prevent moisture or dust from entering the switch body from the front panel.
#### D. Terminals
* **Material:** Copper alloy with silver plating.
* **Connection:** These are designed for through-hole soldering on a PCB or point-to-point wiring.
---
### 3. Part Number Decoder
To understand what each segment of **A108T1CWCQ0Q** means:
* **A108:** Model Series (SPDT, ON-ON).
* **T1:** Actuator height/style (0.410" height).
* **CW:** Bushing style (Threaded, Splashproof).
* **C:** Termination type (Printed Circuit/PC Pin).
* **Q:** Contact Material (Silver).
* **0:** No special branding/options.
* **Q:** Final plating/packaging indicator.
---
### 4. Applications
Due to its rugged construction and 5A rating, this switch is commonly used in:
* **Industrial Control Panels:** For setting modes or power states.
* **Medical Equipment:** Where reliability and splash resistance are needed.
* **Audio/Visual Gear:** Signal routing or power switching.
---
- ⤷
What is the difference between silver (Q) and gold (B) contact plating for this switch series?
- ⤷ Does this switch require a specific mounting hole diameter for the threaded bushing?
- ⤷ Is there a momentary version (ON-OFF-MOM) available in the Gemini A series?