データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • A132-R

  • AI
    The **A132-R** typically refers to a specific series of high-precision, linear Hall-effect sensors (most notably the **Allegro MicroSystems A1321, A1322, or A1323** series, where "R" often denotes the packaging or temperature rating). These are integrated circuits (ICs) used to measure magnetic field strength and convert it into a proportional analog voltage. --- ### 1. Key Technical Specifications The A132 series is designed for sensitivity and stability. Below is a breakdown of the typical electronic characteristics: | Parameter | Value / Range | Unit | | :--- | :--- | :--- | | **Supply Voltage (Vcc)** | 4.5 to 5.5 | Volts (V) | | **Output Type** | Analog (Ratiometric) | - | | **Quiescent Output** | Vcc / 2 (approx. 2.5V) | Volts (V) | | **Sensitivity** | 5.0 mV/G (A1321) | mV per Gauss | | **Operating Temp** | -40 to 150 (depending on grade) | °C | | **Package Type** | SOT-23W or TO-92 (UA) | - | --- ### 2. Electronic Component Composition The internal architecture of an A132-R sensor includes several critical stages: * **Hall Element:** The primary transducer that generates a micro-voltage when exposed to a magnetic field. * **Small-Signal Amplifier:** Since the Hall voltage is very small, this stage boosts the signal for processing. * **Chopper Stabilization:** A circuit technique used to cancel out offset voltages and reduce thermal drift, ensuring high accuracy. * **Dynamic Offset Cancellation:** This minimizes the effects of physical stress on the silicon die. * **Output Driver:** A low-impedance stage that allows the sensor to drive various loads (like an ADC input on a microcontroller). --- ### 3. Pinout Configuration (Standard TO-92) If using the through-hole "UA" or "R" package, the pinout is generally as follows: 1. **VCC:** Input Power (5V). 2. **GND:** Ground. 3. **VOUT:** Analog output signal. --- ### 4. Application Logic The "Ratiometric" nature of the A132-R means the output voltage is relative to the supply voltage. * **No Magnetic Field:** The output sits at exactly half the supply voltage ($Vcc \times 0.5$). * **South Pole Present:** The voltage increases linearly above the midpoint. * **North Pole Present:** The voltage decreases linearly below the midpoint. ### Common Uses: * **Current Sensing:** Measuring the magnetic field around a wire to determine amperage. * **Position Sensing:** Detecting the proximity or angle of a permanent magnet. * **Liquid Level Sensing:** Using a float with an embedded magnet.
    ✨ Follow-up Questions
    • ⤷ What is the difference in sensitivity between the A1321
    • ⤷ A1322
    • ⤷ and A1323 models?
    • ⤷ How do you calibrate an A132 sensor for use with an Arduino?
    • ⤷ What are the advantages of chopper-stabilized Hall sensors over standard ones?