データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • A136-R

  • AI
    The **A136-R** (often associated with the **Allegro MicroSystems A1360/A1361/A1362** series) refers to a family of high-precision, linear Hall-effect sensor ICs. These components are primarily used for current sensing and magnetic field measurement in automotive and industrial applications. --- ## 1. Core Technical Specifications The A136 series is designed for accuracy and stability over a wide temperature range. | Feature | Specification | | :--- | :--- | | **Sensor Type** | Linear Hall-Effect Sensor IC | | **Output Type** | Analog (Ratiometric to Supply Voltage) | | **Operating Voltage** | 4.5 V to 5.5 V | | **Temperature Range** | -40°C to 150°C (Ambient) | | **Package** | 4-pin SIP (Single In-line Package) | | **Sensitivity** | Programmable/Factory-trimmed (varies by sub-model) | --- ## 2. Key Electronic Components & Internal Architecture Inside the A136-R package, several critical electronic subsystems work together to provide a clean output: ### A. Hall Sensing Element The heart of the chip is a small semiconductor material that generates a tiny voltage (Hall voltage) when a magnetic field passes perpendicularly through it. ### B. Chopper Stabilization To eliminate "offset voltage" (error) caused by temperature changes or physical stress on the chip, the A136 uses a **chopper-stabilization** circuit. This switches the direction of current through the Hall element at a high frequency to cancel out internal noise. ### C. BiCMOS Integrated Circuit The chip is built on a BiCMOS process, which combines: * **Bipolar transistors:** Used for high-accuracy analog amplification. * **CMOS logic:** Used for digital signal processing and programming logic. ### D. Signal Recovery Loop Includes a low-noise amplifier and a filter. This ensures that the output signal accurately represents the magnetic flux density without high-frequency interference. --- ## 3. Typical Applications The A136-R is commonly integrated into systems requiring non-contact sensing: 1. **Current Sensing:** When placed near a copper busbar, it measures the magnetic field generated by flowing current to determine the Amperage. 2. **Position Sensing:** Detecting the proximity or displacement of a magnet in mechanical assemblies. 3. **HEV/EV Inverters:** Monitoring high-voltage battery currents in electric vehicles. --- ## 4. Pinout Configuration | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **VCC** | Power Supply (Typically 5V) | | 2 | **VOUT** | Analog Output Signal | | 3 | **GND** | Ground | | 4 | **TEST** | Used for factory calibration/programming |
    ✨ Follow-up Questions
    • ⤷ How does the ratiometric output affect the accuracy of the A136-R?
    • ⤷ What are the main differences between the A1360
    • ⤷ A1361
    • ⤷ and A1362 models?
    • ⤷ How do you calculate current from the analog output voltage of this sensor?