データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • A3CY-R

  • AI
    The **A3CY-R** refers to a specific type of **Rotary Switch** or **Selector Switch**, often associated with industrial control panels, automation systems, or high-precision electronic equipment. It is frequently manufactured by companies like OMRON (part of their A3 series) or similar industrial component providers. Below is a breakdown of the electronic components and technical characteristics typical of this series. --- ### 1. Key Technical Specifications The A3CY-R is generally a sub-miniature or standard industrial switch characterized by the following parameters: | Feature | Description | | :--- | :--- | | **Switch Type** | Rotary / Push-button Selector | | **Color Code** | "R" typically denotes **Red** (often used for Stop or Warning functions) | | **Mounting Diameter** | Usually 12mm to 16mm (compact design) | | **Contact Arrangement** | SPDT (Single Pole Double Throw) or DPDT (Double Pole Double Throw) | | **Contact Material** | Silver-plated or Gold-clad (for low current stability) | ### 2. Physical & Electronic Components #### Internal Contact Mechanism * **Stationary Contacts:** Fixed metal plates inside the housing that connect to the external terminals. * **Movable Contact (Wiper):** The part that moves when the dial or button is turned, completing or breaking the circuit. * **Snap-action Spring:** Ensures a crisp transition between "ON" and "OFF" states to prevent electrical arcing. #### Housing and Actuator * **Bezel/Actuator:** The physical interface (Rotary knob) made of high-grade polycarbonate. * **Lamp/LED (Optional):** Many units in this series include an internal LED or Incandescent lamp for illumination. * **Terminals:** Usually solder terminals or PCB-mount pins for integration into a circuit board. ### 3. Electrical Ratings In electronic circuits, the A3CY-R must be operated within its safe operating area: ```cpp // Typical Rating Example Rated_Voltage = "250V AC / 30V DC"; Rated_Current = "3A (Resistive Load)"; Contact_Resist = "< 50 mOhms"; Insulation_Res = "> 100 MOhms at 500V DC"; ``` ### 4. Common Applications * **Human-Machine Interfaces (HMI):** Used for mode selection (e.g., Manual vs. Auto). * **Test Equipment:** For switching between different measurement scales. * **Safety Interlocks:** The red color often indicates a specific safety or reset function. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the A3CY-R and the A3CY-G model?
    • ⤷ Can the A3CY-R be mounted directly onto a PCB?
    • ⤷ What is the mechanical life expectancy of this switch series?