データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • A5AD-R

  • AI
    The **A5AD-R** typically refers to a high-speed, high-resolution **Analog-to-Digital Converter (ADC)** module or component, often utilized in industrial automation, specialized instrumentation, or older PLC architectures (such as the MELSEC series). Below is a breakdown of the electronic parts and functional characteristics associated with this type of component. --- ### 1. Functional Overview The primary purpose of the A5AD-R is to translate continuous analog signals (voltage or current) into discrete digital values that a processor or CPU can interpret. | Feature | Description | | :--- | :--- | | **Input Channels** | Usually 4 to 8 differential or single-ended channels. | | **Conversion Speed** | High-speed sampling (often in the microsecond range). | | **Resolution** | Typically 12-bit to 16-bit, providing high precision. | | **Interface** | Parallel or Serial bus interface for backplane communication. | --- ### 2. Internal Electronic Components The internal circuitry of an A5AD-R module consists of several critical stages: #### A. Input Conditioning Circuitry * **Operational Amplifiers (Op-Amps):** Used for buffering and scaling the input signal to match the ADC's input range. * **Low-Pass Filters:** Capacitors and resistors arranged to remove high-frequency noise and prevent aliasing. * **Protection Diodes:** TVS (Transient Voltage Suppressor) diodes to protect against overvoltage spikes. #### B. The ADC Core * **Successive Approximation Register (SAR) or Delta-Sigma:** The integrated circuit (IC) that performs the actual conversion. * **Voltage Reference:** A high-precision, temperature-stable IC that provides a steady reference voltage (e.g., 2.5V or 5.0V) to ensure accuracy. #### C. Isolation and Logic * **Photocouplers / Optoisolators:** These electronic parts provide galvanic isolation between the sensitive analog inputs and the noisy digital backplane. * **FPGA/CPLD:** A logic chip that manages the timing, channel switching (multiplexing), and data buffering. --- ### 3. Connection Pinout Logic Most A5AD-R modules use a terminal block with the following electronic terminations: | Terminal Label | Function | | :--- | :--- | | **V+ / V-** | Differential Voltage Input | | **I+ / I-** | Current Input (often requires a shunt resistor) | | **AGND** | Analog Ground | | **SLD** | Shield/Earth for noise reduction | --- ### 4. Technical Specifications Example If this refers to a standard industrial module, the electrical parameters usually look like this: ```yaml Input_Range: - -10V to +10V DC - 4mA to 20mA DC Digital_Output: -32768 to 32767 (16-bit signed) Accuracy: ±0.1% of full scale Isolation: 500V AC between input and ground ``` ---
    ✨ Follow-up Questions
    • ⤷What is the sampling rate of the A5AD-R module?
    • ⤷ How do you calibrate the offset and gain for this device?
    • ⤷ Which PLC series is the A5AD-R compatible with?