データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • A6300AGSO8A

  • AI
    Based on the part number **A6300AGSO8A**, this component is a high-performance **Synchronous Step-Down (Buck) DC-DC Converter** typically manufactured by AIC (Analog Integrations Corp). It is designed to efficiently convert a higher input voltage to a lower output voltage for powering digital processors, FPGAs, and ASICs. --- ### ## Technical Specifications The following table summarizes the primary electrical characteristics of the A6300 series: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5V to 18V | | **Continuous Output Current** | 3.0 Amperes | | **Switching Frequency** | 500 kHz (Typical) | | **Output Voltage Range** | Adjustable (starting from 0.8V) | | **Package Type** | SOP-8 (Exposed Pad) | | **Efficiency** | Up to 95% | --- ### ## Key Features * **Synchronous Rectification:** Eliminates the need for an external Schottky diode, reducing power loss and heat. * **Internal Soft-Start:** Limits the inrush current during power-up to protect the circuitry. * **Protection Mechanisms:** * **OCP (Over Current Protection):** Protects the device during output short circuits. * **OTP (Over Temperature Protection):** Thermal shutdown if the chip exceeds safe operating temperatures. * **UVLO (Under Voltage Lockout):** Ensures the chip only operates when the input voltage is stable. * **Low ESR Cap Compatible:** Optimized for use with ceramic output capacitors. --- ### ## Pin Configuration (SOP-8) The "GSO8A" suffix indicates a **Green (Halogen-Free) SOP-8** package with an **Exposed Pad** for thermal dissipation. 1. **BS (Bootstrap):** High-side gate drive boost pin. 2. **IN:** Supply Input voltage. 3. **SW:** Switch node (connection to inductor). 4. **GND:** Ground. 5. **FB:** Feedback input for voltage regulation. 6. **COMP:** Compensation node for stable loop control. 7. **EN:** Enable pin (Logic High to turn on). 8. **SS:** Soft-start control. --- ### ## Typical Application Circuit To implement this part, you generally require the following external components: 1. **Inductor (L):** Usually 4.7µH to 10µH depending on current requirements. 2. **Input/Output Capacitors:** Ceramic capacitors (22µF - 44µF). 3. **Resistor Divider:** Connected to the **FB** pin to set the specific output voltage.
    ✨ Follow-up Questions
    • ⤷ What is the formula to calculate the output voltage using the FB pin resistors?
    • ⤷ How does the 'Exposed Pad' in the SOP-8 package affect PCB layout?
    • ⤷ Can this part be used in automotive 12V power systems?