データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • A73-R2

  • AI
    The **A73-R2** generally refers to a specific revision of an ARM Cortex-A73 based System-on-Chip (SoC) or a specific industrial control module. Below is a breakdown of the core electronic architecture and components typically associated with this hardware specification. --- ### 1. Core Processor Architecture The heart of the "A73" is the **ARM Cortex-A73 CPU**. In an "R2" (Revision 2) configuration, the design usually focuses on efficiency improvements over the base model. | Component | Specification | Description | | :--- | :--- | :--- | | **CPU Type** | ARMv8-A (64-bit) | High-performance "Big" core in big.LITTLE configurations. | | **Pipeline** | 11-stage | Out-of-order superscalar pipeline for high instruction throughput. | | **L1 Cache** | 32KB to 64KB | Instruction and Data caches for rapid data access. | | **L2 Cache** | Up to 8MB | Shared cache (depending on the specific SoC implementation). | ### 2. Key Electronic Interfaces If the A73-R2 is part of a development board or industrial SOM (System on Module), it typically features the following electronic interfaces: * **Memory Controller:** Supports LPDDR4/LPDDR4X RAM for high bandwidth and low power consumption. * **Storage Interface:** Integrated controllers for eMMC 5.1 and SDIO 3.0. * **Connectivity:** * **UART/I2C/SPI:** Standard low-speed serial buses for sensor integration. * **PCIe:** High-speed lanes for NVMe SSDs or Wi-Fi/Bluetooth modules. * **USB 3.0:** High-speed data transfer and peripheral support. ### 3. Power Management System The "R2" revision often includes updates to the **Power Management Integrated Circuit (PMIC)** logic to handle voltage scaling more effectively. 1. **DVFS (Dynamic Voltage and Frequency Scaling):** Adjusts the voltage based on the clock speed to save power during idle periods. 2. **Thermal Throttling:** Electronic sensors monitor the silicon temperature; if the threshold is hit, the A73-R2 reduces power to prevent hardware damage. ### 4. Comparison: R1 vs. R2 (Revision Improvements) | Feature | R1 (Base) | R2 (Revision 2) | | :--- | :--- | :--- | | **Power Efficiency** | Standard | Optimized (approx. 5-10% improvement) | | **Clock Stability** | Base jitter | Improved PLL (Phase-Locked Loop) stability | | **Bug Fixes** | Known errata | Critical hardware patches applied | --- ### Example Implementation: Block Diagram Logic ```mermaid graph LR A[A73-R2 Core] --> B(L2 Cache) B --> C{System Bus} C --> D[DRAM Controller] C --> E[I/O Peripherals] C --> F[Power Management] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings for the A73-R2?
    • ⤷ Is the A73-R2 compatible with the latest version of Android or Linux?
    • ⤷ What are the common industrial applications for this specific hardware revision?