データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AA40F-R1

  • AI
    The **AA40F-R1** is a high-performance, high-voltage Power Supply Unit (PSU) typically utilized in specialized industrial equipment, such as telecommunications infrastructure, laser systems, or high-end medical devices. It is often associated with brands like **Advanced Energy** or **UltraVolt**. --- ### 1. Key Technical Specifications The AA series is known for providing precision high-voltage outputs from a low-voltage DC input. | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 24V DC (± 10%) | | **Output Voltage** | 0 to 40,000V (40kV) DC | | **Output Power** | 30W to 40W (depending on specific revision) | | **Polarity** | Reversible (indicated by the "R" in the part number) | | **Control Interface** | Analog (0-5V or 0-10V programming) | | **Efficiency** | > 80% at full load | --- ### 2. Core Electronic Components The internal architecture of the AA40F-R1 consists of several critical stages to convert low DC voltage into stable high DC voltage: #### A. Input Filtering & Protection * **EMI Filters:** Capacitors and inductors that prevent high-frequency switching noise from feeding back into the 24V supply line. * **Protection Circuitry:** Includes TVS (Transient Voltage Suppressor) diodes to protect against input voltage spikes. #### B. Power Conversion (The Inverter) * **PWM Controller:** A Pulse Width Modulation IC that regulates the switching frequency to maintain output stability. * **MOSFET Bridge:** High-speed transistors that convert DC input into a high-frequency AC signal to drive the transformer. #### C. High Voltage Transformer * A custom-wound ferrite core transformer designed with high insulation ratings to step up the voltage from 24V to several kilovolts. #### D. Cockcroft-Walton Multiplier (The "Multiplier Stack") * **Diodes & Capacitors:** Since a single transformer cannot easily reach 40kV, a series of diode-capacitor stages (Voltage Multiplier) is used to "pump" the voltage up to the final 40kV level. * **Encapsulation:** These parts are usually potted in silicone or epoxy resin to prevent electrical arcing (corona discharge). --- ### 3. Connection Pinout (General) The AA40F series typically uses a multi-pin header for control: ```markdown Pin 1: Input Power (+24VDC) Pin 2: Power Ground Pin 3: Remote Adjust (0-5V Input) Pin 4: Voltage Monitor (Output signal for feedback) Pin 5: Reference Voltage (Internal stable 5V) Pin 6: Signal Ground ``` --- ### 4. Safety and Operation Notes 1. **Arc Protection:** The unit features internal resistors to limit current in the event of a high-voltage arc. 2. **Isolation:** The high-voltage output is isolated from the low-voltage control circuitry to protect the user and the controlling PLC/Microcontroller. 3. **Thermal Management:** The "F" in the part number often indicates a specific form factor or cooling requirement; ensure the baseplate is mounted to a heat sink if operating at full power.
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting requirements for the AA40F-R1 to ensure proper cooling?
    • ⤷ How do you calibrate the 0-5V control signal to ensure output accuracy?
    • ⤷ What are the common failure modes for high-voltage multipliers in this unit?