データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AAA4MPZ

  • AI
    The part number **AAA4MPZ** typically refers to a high-performance **Micro-Power Operational Amplifier** (Op-Amp) or a specific power management component, often associated with manufacturers like *Analog Devices* or *onsemi* (formerly Fairchild). Below is a detailed breakdown of its electronic characteristics and typical specifications. --- ### 1. General Specifications These components are designed for low-power, high-precision applications, particularly in battery-operated devices. | Feature | Typical Value / Description | | :--- | :--- | | **Component Type** | CMOS Operational Amplifier / Precision Op-Amp | | **Supply Voltage** | 1.8V to 5.5V (Single Supply) | | **Supply Current** | ~500 nA to 1 µA per channel (Ultra-low power) | | **Input Offset Voltage** | < 3 mV (depending on grade) | | **Package Type** | SC70-5, SOT23, or WLCSP | | **Operating Temp** | -40°C to +125°C | --- ### 2. Key Internal Electronic Parts The internal architecture of the AAA4MPZ series is built using CMOS technology to ensure high input impedance and minimal power leakage. * **Input Stage:** Utilizes PMOS transistors to allow for rail-to-rail input swing, meaning the input voltage can go all the way to the ground or supply rail without distortion. * **Gain Stage:** Designed for high open-loop gain (typically >100 dB) to maintain accuracy despite the extremely low current consumption. * **Output Stage:** A push-pull Class AB stage that provides rail-to-rail output, ensuring maximum signal dynamic range for low-voltage circuits. --- ### 3. Pin Configuration (Typical 5-Pin Layout) Most variants using this marking follow a standard small-form-factor pinout: 1. **OUT:** Signal Output. 2. **VSS:** Negative Supply (Ground). 3. **+IN:** Non-inverting Input. 4. **-IN:** Inverting Input. 5. **VDD:** Positive Power Supply. --- ### 4. Typical Applications Because the AAA4MPZ focuses on "Micro-Power" consumption, it is found in: * **Wearable Electronics:** Fitness trackers and smartwatches. * **IoT Sensors:** Remote temperature or moisture sensors that run on coin-cell batteries for years. * **Active Filters:** Low-frequency signal conditioning. * **Battery Monitoring:** Sensing voltage levels in portable medical devices. --- ### 5. Identification Note > **Note:** "AAA4" is often a "Top Mark" or "Branding Code" used on very small packages (like SC70). If this code is from a specific PCB board, it is essential to verify the manufacturer’s datasheet as codes can vary between brands (e.g., Maxim Integrated vs. Microchip).
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for the AAA4MPZ marking you are looking at?
    • ⤷ Are you looking for a replacement part with similar low-power specifications?
    • ⤷ Do you need a circuit diagram for a battery-powered application using this chip?