データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AAC-AB111-R

  • AI
    The **AAC-AB111-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits, particularly for voltage regulation and filtering. Below is a detailed breakdown of its specifications, electronic characteristics, and common applications. --- ### 1. General Specifications The following table outlines the typical technical parameters for the AAC-AB111-R series: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Component Type** | SMD Power Inductor | - | | **Inductance** | 0.11 µH (Nominal) | µH | | **Tolerance** | ±20% | % | | **DC Resistance (DCR)** | ~0.50 mΩ (Max) | mΩ | | **Saturation Current ($I_{sat}$)** | 40A - 50A | Amperes | | **Operating Temperature** | -40°C to +125°C | °Celsius | --- ### 2. Key Electronic Characteristics * **High Current Capability:** This part is designed to handle high saturation currents without the core "saturating" (losing its inductive properties). This makes it ideal for Point-of-Load (POL) converters. * **Low DCR:** The very low Direct Current Resistance (DCR) minimizes power loss due to heat (I²R losses), significantly increasing the efficiency of the power supply. * **Magnetic Shielding:** Most components in this series are magnetically shielded to reduce Electromagnetic Interference (EMI), preventing the inductor from interfering with nearby sensitive components. * **Composite Construction:** Usually utilizes a metal alloy powder core which provides soft saturation characteristics compared to traditional ferrite cores. --- ### 3. Circuit Application In a typical circuit, the AAC-AB111-R is used as an output filter inductor in a **Buck Converter** (Step-down DC-DC converter). #### Example Circuit Logic: ```python # Conceptual representation of Power Efficiency Calculation def calculate_power_loss(current, dcr): # P = I^2 * R loss = (current**2) * dcr return f"{loss:.4f} Watts" # Using AAC-AB111-R values (e.g., 20A current, 0.5mOhm DCR) print(calculate_power_loss(20, 0.0005)) # Result: 0.2000 Watts ``` --- ### 4. Common Applications * **Voltage Regulator Modules (VRMs):** Found on motherboards to power CPUs and GPUs. * **High-speed Servers:** Used in data centers where high current and high efficiency are required. * **Telecom Infrastructure:** Powering base stations and networking hardware. * **Battery Powered Systems:** To extend battery life by reducing heat dissipation in the power stage.
    ✨ Follow-up Questions
    • ⤷What is the difference between saturation current and heating current for this inductor?
    • ⤷ How does the footprint size of the AAC-AB111-R affect thermal dissipation?
    • ⤷ Can this component be used in high-frequency switching regulators above 1MHz?