データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AAC-AC112-R

  • AI
    The **AAC-AC112-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits for filtering and energy storage. --- ### 1. Technical Specifications Below are the typical electronic characteristics for this series: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Fixed Inductor / Power Choke | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Inductance** | Varies by specific sub-marking (e.g., 1.2µH to 100µH) | | **Tolerance** | Usually ±20% (M) | | **Shielding** | Magnetically Shielded (reduces EMI) | | **Core Material** | Ferrite | --- ### 2. Key Electronic Functions The AAC-AC112-R performs three primary roles within a circuit: 1. **Energy Storage:** It stores energy in a magnetic field when electric current flows through it, which is vital for DC-DC converters. 2. **Noise Filtration:** It acts as a low-pass filter, blocking high-frequency AC noise while allowing DC to pass through, ensuring "clean" power to sensitive components. 3. **Current Regulation:** It resists sudden changes in current, protecting the circuit from spikes. --- ### 3. Physical Construction * **Shielded Design:** The "R" in the suffix often denotes a design feature like "Shielded" or "RoHS Compliant." The shielding prevents magnetic flux from interfering with neighboring components like microprocessors or antennas. * **Winding:** High-conductivity copper wire wound around a ferrite core. * **Terminals:** Solder-plated pads designed for automated Pick-and-Place assembly. --- ### 4. Common Applications This part is frequently found in: * **Laptops and Tablets:** In the VRM (Voltage Regulator Module) sections. * **LED Drivers:** To maintain constant current for lighting. * **Telecommunications:** Base station power supplies. * **Automotive Electronics:** Navigation and infotainment power modules.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Saturation Current) for this specific inductor?
    • ⤷ How does magnetic shielding improve performance in compact PCB layouts?
    • ⤷ Is this part compatible with lead-free reflow soldering processes?