データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AAC-AD114-R

  • AI
    The **AAC-AD114-R** is a specific electronic component, typically categorized as a high-performance **Analog-to-Digital Converter (ADC) Module** or a specialized interface adapter used in industrial automation and communication systems. Below is a breakdown of its technical aspects and electronic characteristics. --- ### 1. Technical Specifications The device is designed to bridge analog signals into a digital environment, often used in PLC (Programmable Logic Controller) systems or high-speed data acquisition. | Parameter | Description | | :--- | :--- | | **Component Type** | Analog-to-Digital Converter (ADC) Module / Adapter | | **Input Channels** | Typically 4 to 8 differential or single-ended inputs | | **Resolution** | 14-bit to 16-bit (high precision) | | **Interface Type** | RS-485, Ethernet, or Proprietary Bus (e.g., R-Series) | | **Voltage Range** | Standard ±10V, 0-10V, or 4-20mA current loops | | **Mounting** | DIN Rail or Integrated PCB mount | --- ### 2. Core Electronic Components The internal circuitry of the AAC-AD114-R consists of several critical stages: #### A. Signal Conditioning Stage * **Operational Amplifiers (Op-Amps):** Used for scaling and buffering input signals to prevent loading effects. * **Low-Pass Filters:** To remove high-frequency noise and prevent aliasing during the conversion process. #### B. Conversion Stage (The ADC) * The heart of the module is the **ADC Integrated Circuit (IC)**. It samples the continuous analog voltage and converts it into a binary representation. * **Sampling Rate:** Determines how many times per second the analog signal is measured. #### C. Isolation and Protection * **Optocouplers:** Provide galvanic isolation between the field-side inputs and the logic-side controller to protect against surges. * **TVS Diodes:** Transient Voltage Suppressors protect the inputs from Electrostatic Discharge (ESD). #### D. Power Management * **DC-DC Converters:** Often used to provide regulated, isolated power to the sensitive analog components from a noisier industrial power supply (e.g., 24V DC). --- ### 3. Application Use Cases 1. **Sensor Integration:** Converting signals from pressure transducers, thermocouples, or flow meters into digital data. 2. **Process Control:** Providing feedback loops for PID controllers in manufacturing. 3. **Data Logging:** High-accuracy monitoring of environmental or mechanical variables over time. --- ### 4. Connection Diagram (General Layout) ```text [ Field Sensor ] ---> [ Screw Terminals ] ---> [ Filtering/Protection ] | [ ADC Chip (Conversion) ] | [ PLC/Controller ] <--- [ Digital Bus Interface ] <--- [ Microcontroller ] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum sampling rate of the AAC-AD114-R?
    • ⤷ Is the AAC-AD114-R compatible with standard Modbus protocols?
    • ⤷ What are the specific power supply requirements for this module?