データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AB-RTC-XB

  • AI
    The **AB-RTC-XB** is a compact, ultra-low-power Real-Time Clock (RTC) module designed for embedded systems where timekeeping accuracy and space efficiency are critical. It typically integrates a quartz crystal and advanced power management circuitry into a single package. --- ## 1. Core Internal Components The AB-RTC-XB is not just a single chip but a system-in-package (SiP) that includes several key electronic elements: | Component | Function | | :--- | :--- | | **Integrated Quartz Crystal** | Provides the 32.768 kHz frequency reference for precise timekeeping. | | **CMOS IC** | Contains the counters, oscillators, and logic for I2C/SPI communication. | | **Oscillation Circuit** | Maintains the vibration of the crystal with minimal energy consumption. | | **Voltage Regulator** | Ensures the internal logic operates correctly across a wide supply voltage range. | | **Backup Switchover** | Automatically switches between main power (Vcc) and a backup battery/supercapacitor. | --- ## 2. Key Specifications These parts work together to achieve high performance in varying environmental conditions. ### Electrical Characteristics * **Operating Voltage:** Typically 1.1V to 5.5V (varies by specific sub-model). * **Current Consumption:** Ultra-low, often in the range of **150nA to 400nA** at 3V. * **Interface:** I2C Bus (Fast Mode 400kHz). * **Accuracy:** Calibrated at the factory, often achieving ±5ppm to ±20ppm (parts per million). ### Functional Features 1. **Timekeeping:** Tracks seconds, minutes, hours, days, months, years, and leap years. 2. **Alarm & Timer:** Integrated programmable alarm interrupts and countdown timers. 3. **Frequency Output:** Often provides a square wave output (1Hz, 1024Hz, 32.768kHz) for MCU clocking. --- ## 3. Physical Construction The "XB" designation usually refers to the package type. * **Package Type:** Usually a small SMD (Surface Mount Device) ceramic package. * **Pin Configuration:** Typically includes: * `VCC`: Main Power Supply. * `GND`: Ground. * `SCL / SDA`: I2C Serial Clock and Data lines. * `INT / CLKOUT`: Interrupt output or clock signal. * `VBAT`: Connection for the backup battery. --- ## 4. Typical Application Circuit When designing with the AB-RTC-XB, the circuit involves minimal external parts because the crystal is internal. ```c // Pseudo-code representation of I2C initialization for AB-RTC-XB void setup_RTC() { I2C_Start(); I2C_Write_Address(0x68); // Typical RTC Address I2C_Write_Register(0x00, 0x01); // Start the oscillator I2C_Stop(); } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum frequency deviation of the AB-RTC-XB over a standard temperature range?
    • ⤷ How does the power consumption of this RTC compare to standard MCU internal RTCs?
    • ⤷ What are the recommended values for the I2C pull-up resistors used with this part?