データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AB18X5-RTC

  • AI
    The **AB18X5** series (specifically the AB1805 and AB1815) by Abracon is a family of ultra-low-power Real-Time Clock (RTC) chips. These are highly regarded in the electronics industry for their extremely low power consumption and integrated power management features. --- ## 1. Key Technical Specifications The following table outlines the primary hardware parameters for the AB18X5 series: | Feature | Specification | | :--- | :--- | | **Operating Voltage** | 1.5V to 3.6V | | **Power Consumption** | ~14 nA to 55 nA (typical) | | **Interface** | I2C (AB1805) or SPI (AB1815) | | **Package** | 3.0 x 3.0 mm QFN-16 | | **Clock Accuracy** | Supports Crystal (32.768 kHz) or RC Oscillator | | **Memory** | 256 bytes of User RAM | --- ## 2. Core Functional Components The AB18X5 is more than just a timekeeper; it acts as a system controller. ### A. Oscillator Options The chip features a sophisticated oscillator circuit that can switch between: * **XT (Crystal):** High precision for accurate timekeeping. * **RC (Resistor-Capacitor):** Ultra-low power mode for when high precision is not required. * **Autocalibration:** It can use the XT oscillator to periodically calibrate the RC oscillator. ### B. Power Management (Power Switch) This is a standout feature. The AB18X5 includes an integrated power switch that can completely disconnect the power to the rest of the microcontroller/system. * **Sleep Mode:** The RTC stays on while the main MCU is powered off. * **Wake-up:** The RTC can "wake" the system via an interrupt or by physically reconnecting the power rail. ### C. Trickle Charger It includes an integrated trickle charger, allowing it to charge a supercapacitor or a rechargeable battery used for backup power when the main VCC is removed. --- ## 3. Pin Configuration Overview Common pins found on the AB18X5 architecture: | Pin Name | Function | | :--- | :--- | | **VCC / VBAT** | Main power input and backup battery input. | | **SCL / SDA** | I2C communication lines (for AB1805). | | **WDI** | Watchdog Input to reset the system if the MCU freezes. | | **EXTINT** | External Interrupt for waking the RTC from external sensors. | | **FOUT/nIRQ** | Frequency output or programmable interrupt request. | --- ## 4. Example Integration (I2C) Below is a conceptual representation of how to initialize the RTC in a C-based environment: ```c // Example pseudo-code for writing to the Control Register void init_rtc_ab1805() { uint8_t config_data = 0x01; // Enable oscillator I2C_Write(RTC_ADDRESS, CONTROL_REG, config_data); // Set trickle charger for a 3V Supercap I2C_Write(RTC_ADDRESS, TRICKLE_REG, 0xAB); } ``` ---
    ✨ Follow-up Questions
    • ⤷ How does the AB18X5 compare to the DS3231 in terms of power consumption?
    • ⤷ What is the specific wiring diagram for the integrated power switch feature?
    • ⤷ How do I configure the autocalibration feature between the RC and XT oscillators?