データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AB405K-R

  • AI
    The **AB405K-R** typically refers to a high-quality **industrial-grade toggle switch** or a specific **push-button switch assembly**, often manufactured by brands like IDEC or similar industrial component suppliers. Below is a detailed breakdown of its electronic characteristics and specifications. ### 1. General Specifications The "AB" series usually denotes a specific form factor (22mm or 30mm mounting) designed for heavy-duty industrial control panels. | Feature | Specification (Typical) | | :--- | :--- | | **Mounting Diameter** | 22mm (Standard) | | **Action Type** | Maintained (Stay-put) or Momentary (Spring return) | | **Contact Block** | Usually 1NO (Normally Open) or 1NC (Normally Closed) | | **Color Code** | R = Red | | **Voltage Rating** | Up to 600V AC/DC (Insulation) | | **Current Rating** | 10A (Thermal) | --- ### 2. Key Electronic Components The device is modular, meaning it is composed of several discrete electronic/mechanical parts: #### A. The Operator (The Head) * **Material:** Often made of chrome-plated zinc or high-impact plastic. * **Bezel:** Circular bezel designed for flush mounting on a control panel. * **IP Rating:** Generally rated **IP65**, making it dust-tight and protected against water jets. #### B. The Contact Block * **Conductive Material:** Silver-plated contacts to ensure low electrical resistance and minimize arcing. * **Configuration:** The "K" in the part number often signifies a specific contact arrangement or a "key" locking mechanism depending on the manufacturer's prefix system. * **Terminals:** Screw-type terminals designed for 14-22 AWG wiring. #### C. The Actuator Mechanism * Uses a mechanical cam system to bridge the internal contacts. * Designed for **Mechanical Life** of approximately 500,000 to 1,000,000 operations. --- ### 3. Electrical Performance Table | Parameter | Value | | :--- | :--- | | **Contact Resistance** | 50 mΩ maximum (initial) | | **Insulation Resistance** | 100 MΩ minimum (at 500V DC) | | **Dielectric Strength** | 2,500V AC for 1 minute | | **Operating Temperature** | -25°C to +50°C (without freezing) | --- ### 4. Typical Applications Because of its "Red" (R) designation and robust build, this part is commonly used in: * **Emergency Stop Circuits:** If configured as a mushroom head or locking switch. * **Manual Overrides:** In PLC-controlled industrial machinery. * **Safety Interlocks:** Ensuring a circuit remains open/closed during maintenance. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the AB405K-R and the AB405K-G model?
    • ⤷ Can the contact blocks be replaced or upgraded on this specific series?
    • ⤷ What is the NEMA rating for this component in outdoor environments?