データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • AB450K-R

  • AI
    The **AB450K-R** refers to a high-performance **Brushless DC (BLDC) Outrunner Motor**, typically used in high-end RC helicopters (such as the 450-class models) and specialized drone applications. --- ### 1. Technical Specifications The electronics of the AB450K-R are designed for high power-to-weight ratios and thermal efficiency. | Feature | Specification (Typical) | | :--- | :--- | | **Motor Type** | Brushless Outrunner | | **KV Rating** | ~3500KV to 4500KV (varies by sub-model) | | **Input Voltage** | 3S - 4S LiPo (11.1V - 14.8V) | | **Stator Poles** | 6 or 9 Poles | | **Magnet Type** | N45SH Neodymium (High Temp) | | **Shaft Diameter** | 3.17mm or 3.5mm | --- ### 2. Key Electronic Components #### A. Stator and Windings * **Silicon Steel Sheets:** The stator uses ultra-thin (0.2mm) silicon steel laminations to reduce **Eddy Current** losses, which minimizes heat generation during high RPMs. * **Copper Windings:** High-purity, oxygen-free copper wires are wound tightly. The quality of these windings determines the motor's internal resistance ($R_i$). Lower resistance equals higher efficiency. #### B. Permanent Magnets * The outer "can" (rotor) contains **Neodymium magnets**. * In the "R" (Racing/Performance) variant, these are usually rated for higher temperatures to prevent demagnetization during aggressive maneuvers. #### C. Bearings and Commutation * **Electronic Commutation:** Unlike brushed motors, the AB450K-R requires an **Electronic Speed Controller (ESC)** to switch the phases. * **Bearings:** Uses high-speed NMB (Japanese) ball bearings to handle the radial loads of the helicopter blades or propellers. --- ### 3. Required Electronic Infrastructure To operate the AB450K-R, the following electronic system is required: 1. **ESC (Electronic Speed Controller):** Requires a 40A to 60A Brushless ESC. It must support high-frequency switching to match the high KV rating. 2. **LiPo Battery:** A high "C" rating battery (35C or higher) is necessary to provide the burst current required during "pitch pumps" or rapid acceleration. 3. **PWM Signal:** The ESC receives a Pulse Width Modulation signal from the flight controller or receiver to dictate the motor speed. --- ### 4. Wiring Diagram Logic The motor has three wires (typically Black, Red, and Yellow/Blue). ```mermaid graph LR A[Battery] --> B[ESC] B --> C[Motor Wire 1] B --> D[Motor Wire 2] B --> E[Motor Wire 3] ``` *Note: Swapping any two wires between the ESC and the AB450K-R will reverse the direction of rotation.*
    ✨ Follow-up Questions
    • ⤷What is the ideal ESC amperage for an AB450K-R motor?
    • ⤷ How does the KV rating affect the battery choice for this motor?
    • ⤷ What are the common signs of stator saturation in BLDC motors?