データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ABC-30-R

  • AI
    The **ABC-30-R** is a high-performance, fast-acting ceramic tube fuse commonly used in industrial and high-voltage electronic applications. It is manufactured by **Eaton (formerly Bussmann)**. --- ### ## Technical Specifications Below are the primary electronic characteristics of the ABC-30-R: | Parameter | Specification | | :--- | :--- | | **Current Rating** | 30 Amperes | | **Voltage Rating (AC)** | 250 VAC | | **Voltage Rating (DC)** | 125 VDC | | **Interrupt Rating** | 400A at 250VAC / 1000A at 125VAC | | **Fuse Speed** | Fast-Acting (F) | | **Body Material** | Ceramic | | **Termination Style** | Cartridge (Ferrule) | | **Dimensions** | 1/4" x 1-1/4" (6.35mm x 31.75mm) | | **RoHS Compliant** | Yes (indicated by the "-R" suffix) | --- ### ## Key Electronic Components & Design #### 1. Ceramic Tube Body Unlike glass fuses, the ABC series uses a **ceramic body**. This allows for a higher "interrupt rating" (breaking capacity). In the event of a catastrophic short circuit, the ceramic housing can withstand higher internal pressures and temperatures without shattering. #### 2. Internal Fuse Element The 30A element is designed to melt rapidly when the current exceeds its threshold. Because it is **fast-acting**, it provides minimal delay, making it ideal for protecting sensitive electronic components that cannot tolerate even brief overcurrent spikes. #### 3. Arc Quenching Material Most high-amp ceramic fuses are filled with a granular material (typically high-purity silica sand). When the fuse blows, this material helps to: * Absorb heat energy. * Extinguish the electrical arc quickly. * Prevent the conductive vaporized metal from re-depositing and creating a bridge. #### 4. The "-R" Suffix In the electronic industry, the "-R" suffix is critical as it denotes **RoHS Compliance**. This means the lead-free construction meets environmental safety standards for electronic waste. --- ### ## Common Applications The ABC-30-R is typically found in: * **Power Supplies:** Protecting the primary input stage. * **Industrial Control Panels:** Guarding circuitry against short circuits. * **HVAC Systems:** Used in motors and high-draw controllers. * **Test Equipment:** Protecting internal rails from user error or component failure. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the ABC and AGC fuse series?
    • ⤷ Can I replace a 30A glass fuse with this ceramic ABC-30-R?
    • ⤷ What are the specific interrupt ratings for this fuse at different voltages?